Selected language     English  ▼


TC7W241FUTE12LF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7W241FUTE12LF
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 3 page
background image
TC7W241FU
2009-09-30
3
Electrical Characteristics
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40
to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.5
1.5
4.5
3.15
3.15
High level
VIH
6.0
4.2
4.2
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
Low level
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
IOH = −20 μA
6.0
5.9
6.0
5.9
IOH = −6 mA
4.5
4.18
4.31
4.13
High level
VOH
VIN =
VIH or VIL
IOH = −7.8 mA
6.0
5.68
5.80
5.63
2.0
0
0.1
0.1
4.5
0
0.1
0.1
IOL = 20 μA
6.0
0
0.1
0.1
IOL = 6 mA
4.5
0.17
0.26
0.33
Output
voltage
Low level
VOL
VIN =
VIH or VIL
IOL = 7.8 mA
6.0
0.18
0.26
0.33
V
3-state output off-state
current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
6.0
±0.5
±5.0
μA
Input leakage current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
6.0
2.0
20.0
μA




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl