Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T520U157M2R5A Datasheet(PDF) 11 Page - Kemet Corporation

Part # T520U157M2R5A
Description  KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520U157M2R5A Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T520U157M2R5A Datasheet HTML 7Page - Kemet Corporation T520U157M2R5A Datasheet HTML 8Page - Kemet Corporation T520U157M2R5A Datasheet HTML 9Page - Kemet Corporation T520U157M2R5A Datasheet HTML 10Page - Kemet Corporation T520U157M2R5A Datasheet HTML 11Page - Kemet Corporation T520U157M2R5A Datasheet HTML 12Page - Kemet Corporation T520U157M2R5A Datasheet HTML 13Page - Kemet Corporation T520U157M2R5A Datasheet HTML 14Page - Kemet Corporation T520U157M2R5A Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 12/4/2013 11
11
KEMET Organic Capacitor (KO-CAP) – T520 Series Polymer Tantalum
(1) Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H).
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked
with the higher voltage rating. Substitutions can include better than series.
Blue color text denotes "Under Development"
Bold text denotes black epoxy product
Table 1 – Ratings & Part Number Reference cont'd
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
Moisture
Sensitivity
Rated
Temp
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20°C
Maximum/5
Minutes
% @ 20°C
120 Hz
Maximum
mΩ @ 20°C
100 kHz
Maximum
(mA) 45°C 100 kHz
Temperature
≤ 260ºC
(ºC)
6.3
220
D/7343-31
T520D227M006A(1)E050
139
10
50
2100
3
105
6.3
330
V/7343-19
T520V337M006A(1)E015
208
10
15
3500
3
105
6.3
330
V/7343-19
T520V337M006A(1)E018
208
10
18
3200
3
105
6.3
330
V/7343-19
T520V337M006A(1)E025
208
10
25
2700
3
105
6.3
330
V/7343-19
T520V337M006A(1)E040
208
10
40
2200
3
105
6.3
330
V/7343-19
T520V337M006A(1)E045
208
10
45
2000
3
105
6.3
330
D/7343-31
T520D337M006A(1)E009
208
10
9
5000
3
105
6.3
330
D/7343-31
T520D337M006A(1)E010
208
10
10
4700
3
105
6.3
330
D/7343-31
T520D337M006A(1)E015
208
10
15
3900
3
105
6.3
330
D/7343-31
T520D337M006A(1)E018
208
10
18
3500
3
105
6.3
330
D/7343-31
T520D337M006A(1)E025
208
10
25
3000
3
105
6.3
330
D/7343-31
T520D337M006A(1)E040
208
10
40
2400
3
105
6.3
330
D/7343-31
T520D337M006A(1)E045
208
10
45
2200
3
105
6.3
330
Y/7343-40
T520Y337M006A(1)E010
208
10
10
4900
3
105
6.3
330
Y/7343-40
T520Y337M006A(1)E015
208
10
15
4000
3
105
6.3
330
Y/7343-40
T520Y337M006A(1)E025
208
10
25
3100
3
105
6.3
330
Y/7343-40
T520Y337M006A(1)E040
208
10
40
2500
3
105
6.3
470
W/7343-15
T520W477M006A(1)E055
296
10
55
1800
3
85
6.3
470
W/7343-15
T520W477M006A(1)E035
296
9
35
2300
3
85
6.3
470
V/7343-19
T520V477M006A(1)E055
296
10
55
1800
3
85
6.3
470
V/7343-19
T520V477M006A(1)E035
282
10
35
2300
3
105
6.3
470
Y/7343-40
T520Y477M006A(1)E010
296
10
10
4900
3
105
6.3
470
Y/7343-40
T520Y477M006A(1)E015
296
10
15
4000
3
105
6.3
470
Y/7343-40
T520Y477M006A(1)E018
296
10
18
3700
3
105
6.3
470
Y/7343-40
T520Y477M006A(1)E025
296
10
25
3100
3
105
6.3
470
Y/7343-40
T520Y477M006A(1)E035
296
10
35
2600
3
105
6.3
470
D/7343-31
T520D477M006A(1)E015
296
10
15
3900
3
105
6.3
470
D/7343-31
T520D477M006A(1)E025
296
10
25
3000
3
105
6.3
470
D/7343-31
T520D477M006A(1)E030
296
10
30
2700
3
105
6.3
470
X/7343-43
T520X477M006A(1)E010
296
10
10
5000
3
105
6.3
470
X/7343-43
T520X477M006A(1)E018
296
10
18
3700
3
105
6.3
470
X/7343-43
T520X477M006A(1)E035
296
10
35
2700
3
105
6.3
470
X/7343-43
T520X477M006A(1)E040
296
10
40
2500
3
105
6.3
680
X/7343-43
T520X687M006A(1)E025
428
10
25
3100
3
105
6.3
1000
H/7260-20
T520H108M006A(1)E055
630
20
55
1800
3
85
6.3
1500
H/7260-20
T520H158M006A(1)E055
945
20
55
1800
3
85
8
33
T/3528-12
T520T336M008A(1)E070
26
8
70
1200
3
105
8
33
T/3528-12
T520T336M008A(1)E080
26
8
80
1100
3
105
8
33
B/3528-21
T520B336M008A(1)E025
26
8
25
2300
3
105
8
33
B/3528-21
T520B336M008A(1)E035
26
8
35
1900
3
105
8
33
B/3528-21
T520B336M008A(1)E040
26
8
40
1800
3
105
8
33
B/3528-21
T520B336M008A(1)E070
26
8
70
1300
3
105
8
33
U/6032-15
T520U336M008A(1)E070
26
8
70
1400
3
105
8
47
B/3528-21
T520B476M008A(1)E035
38
8
35
1900
3
105
8
47
B/3528-21
T520B476M008A(1)E070
38
8
70
1300
3
105
8
82
C/6032-28
T520C826M008A(1)E025
66
8
25
2600
3
105
8
82
C/6032-28
T520C826M008A(1)E045
66
8
45
1900
3
105
8
150
D/7343-31
T520D157M008A(1)E025
120
10
25
3000
3
105
8
150
D/7343-31
T520D157M008A(1)E040
120
10
40
2400
3
105
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20°C
Maximum/5
Minutes
% @ 20°C
120 Hz
Maximum
mΩ @ 20°C
100 kHz
Maximum
(mA) 45°C 100 kHz
Temperature
≤ 260ºC
(ºC)
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Rated
Temp
Roll Over for
Order Info.
T
520
V
157
M
006
A
T
E045
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
ESR Code
Packaging
(C-Spec)
T =
Tantalum
520 =
Polymer
A, B, C, D, H,
L, M, Q, T, U,
V, W, X, Y
First two digits
represent
significant
figures.Thirddigit
specifiesnumber
of zeros.
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
008 = 8 V
010 = 10 V
011 = 11 V
12R = 12.5 V
016 = 16 V
020 = 20 V
025 = 25 V
A = N/A
T = 100% Matte
Tin (Sn) Plated
H = Tin/Lead
(SnPb) Solder
Coated (5% Pb
minimum)
E = ESR
Last three digits
specify ESR in
mΩ.(045=45
mΩ)
Blank = 7"
Reel 7280 =
13" Reel


Similar Part No. - T520U157M2R5A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520U157M2R5A KEMET-T520U157M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520U157M2R5A KEMET-T520U157M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520U157M2R5A KEMET-T520U157M2R5A Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520U157M2R5A KEMET-T520U157M2R5A Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520U157M2R5A1E055 KEMET-T520U157M2R5A1E055 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
More results

Similar Description - T520U157M2R5A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T530X687M006ATE018 KEMET-T530X687M006ATE018 Datasheet
1Mb / 17P
   KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com