Selected language     English  ▼


TC7W241FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC7W241FU
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 2 page
background image
TC7W241FU
2009-09-30
2
Marking
Pin Configuration (top view)
Logic Diagram
Truth Table
Inputs
Output
G
G
A
Y
L
H
L
L
L
H
H
H
H
L
X
Z
X: Don’t care
Z: High impedance
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2 to 6
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature range
Topr
−40 to 85
°C
0 to 1000 (VCC = 2.0 V)
0 to 500 (VCC = 4.5 V)
Input rise and fall time
tr, tf
0 to 400 (VCC = 6.0 V)
ns
Lot No.
Part No.
7 W 2 4 1
A2
5
Y1
6
VCC
8
G
7
1
G
2
A1
3
Y2
4
GND
G
A1
Y1
EN
A2
Y2
G
EN




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl