Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8866 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8866
Description  18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8866 Datasheet(HTML) 1 Page - Texas Instruments

  ADS8866 Datasheet HTML 1Page - Texas Instruments ADS8866 Datasheet HTML 2Page - Texas Instruments ADS8866 Datasheet HTML 3Page - Texas Instruments ADS8866 Datasheet HTML 4Page - Texas Instruments ADS8866 Datasheet HTML 5Page - Texas Instruments ADS8866 Datasheet HTML 6Page - Texas Instruments ADS8866 Datasheet HTML 7Page - Texas Instruments ADS8866 Datasheet HTML 8Page - Texas Instruments ADS8866 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
GND
REF
ADS8887
AINP
AINM
AVDD
DVDD
DIN
SCLK
DOUT
CONVST
0 V - VREF
VCM
VREF
0 V
0 V
VREF
+VREF
-VREF
VCM
VDIFF
0 V - VREF
2.5 V to 5 V
2.7 V to 3.6 V
Traditional Input Range
ADS8887 Input Range
True-Differential Input Range
VREF/2
1.65 V to 3.6 V
ADS8887
www.ti.com
SBAS613A – MAY 2013 – REVISED DECEMBER 2013
18-Bit, 100-kSPS, Serial Interface, microPower, Miniature,
True-Differential Input, SAR Analog-to-Digital Converter
Check for Samples: ADS8887
1
FEATURES
APPLICATIONS
234
Sample Rate: 100 kHz
Automatic Test Equipment (ATE)
No Latency Output
Instrumentation and Process Controls
Unipolar, True-Differential Input Range:
Precision Medical Equipment
–VREF to +VREF
Low-Power, Battery-Operated Instruments
Wide Common-Mode Voltage Range:
0 V to VREF with 90-dB CMRR (min)
DESCRIPTION
The ADS8887 is an 18-bit, 100-kSPS, true-differential
SPI™-Compatible Serial Interface with
input, analog-to-digital converter (ADC). The device
Daisy-Chain Option
operates with a 2.5-V to 5-V external reference,
Excellent AC and DC Performance:
offering a wide selection of signal ranges without
SNR: 100 dB, THD: –115 dB
additional input signal scaling. The reference voltage
setting is independent of, and can exceed, the analog
INL: ±1.5 LSB (typ), ±3.0 LSB (max)
supply voltage (AVDD).
DNL: +1.5 and –1 LSB (max), 18-Bit NMC
The device offers an SPI-compatible serial interface
Wide Operating Range:
that
also
supports
daisy-chain
operation
for
AVDD: 2.7 V to 3.6 V
cascading multiple devices.
DVDD: 1.65 V to 3.6 V
The device supports unipolar, true-differential analog
(Independent of AVDD)
input signals with a differential input swing of –VREF to
REF: 2.5 V to 5 V (Independent of AVDD)
+VREF. This true-differential analog input structure
Operating Temperature: –40°C to +85°C
allows for a common-mode voltage of any value in
the range of 0 V to +VREF (when both inputs are
Low-Power Dissipation:
within the operating input range of –0.1 V to VREF
0.7 mW at 100 kSPS
+ 0.1 V).
70 µW at 10 kSPS
Device operation is optimized for very low-power
Power-Down Current (AVDD): 50 nA
operation. Power consumption directly scales with
Full-Scale Step Settling to 18 Bits: 1200 ns
speed. This feature makes the ADS8887 excellent for
lower-speed applications.
Packages: MSOP-10 and SON-10
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TINA is a trademark of Texas Instruments Inc..
3
SPI is a trademark of Motorola Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8866 TI1-ADS8866 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8866IDGS TI1-ADS8866IDGS Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8866IDGSR TI1-ADS8866IDGSR Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8866IDRCR TI1-ADS8866IDRCR Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8866IDRCT TI1-ADS8866IDRCT Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8866

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com