Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T530X108M004A Datasheet(PDF) 3 Page - Kemet Corporation

Part # T530X108M004A
Description  KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T530X108M004A Datasheet(HTML) 3 Page - Kemet Corporation

  T530X108M004A Datasheet HTML 1Page - Kemet Corporation T530X108M004A Datasheet HTML 2Page - Kemet Corporation T530X108M004A Datasheet HTML 3Page - Kemet Corporation T530X108M004A Datasheet HTML 4Page - Kemet Corporation T530X108M004A Datasheet HTML 5Page - Kemet Corporation T530X108M004A Datasheet HTML 6Page - Kemet Corporation T530X108M004A Datasheet HTML 7Page - Kemet Corporation T530X108M004A Datasheet HTML 8Page - Kemet Corporation T530X108M004A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2019_T530 • 2/3/2014
33
KEMET Organic Capacitor (KO-CAP) – T530 High Capacitance/125°C Rated Polymer Tantalum
Qualification
Test
Condition
Characteristics
Endurance
105°C @ rated voltage, 2,000 hours
125°C @ 2/3 rated voltage, 2,000 hours
ΔC/C
Within-20%/+10%ofinitialvalue
DF
≤initiallimit
DCL
2 x initial limit @ 125ºC
ESR
2 x initial limit
Storage Life
125°C @ 0 volts, 2,000 hours
ΔC/C
Within-20%/+10%ofinitialvalue
DF
Withininitiallimits
DCL
Within2.0xinitiallimit
ESR
Within2.0xinitiallimit
Humidity
60°C, 90% RH, 1,000 hours, No Load
ΔC/C
Within-5%/+35%ofinitialvalue
DF
≤initiallimit
DCL
Within3.0xinitiallimit
Temperature Stability
Extreme temperature exposure at a
successionofcontinuousstepsat+25ºC,
-55ºC,+25ºC,+85ºC,+105ºC,+25ºC
+25°C
-55°C
+85°C
+125°C
ΔC/C
IL*
±20%
±20%
±30%
DF
IL
IL
1.2 x IL
1.5 x IL
DCL
IL
n/a
10 x IL
10 x IL
Surge Voltage
105°C,1.32xratedvoltage,33ΩResistance,1,000cycles
ΔC/C
Within-20%/+10%ofinitialvalue
DF
Withininitiallimits
DCL
Withininitiallimits
ESR
Withininitiallimits
Mechanical Shock/Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak
MIL–STD–202, Method 204, Condition D, 10 Hz to 2,000 Hz,
20 G peak
ΔC/C
Within±10%ofinitialvalue
DF
Withininitiallimits
DCL
Withininitiallimits
*IL = Initial limit
Certification
DSCC Drawing 04052


Similar Part No. - T530X108M004A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T530X108M004AE006 KEMET-T530X108M004AE006 Datasheet
220Kb / 2P
   POLYMER TANTALUM CHIP CAPACITORS
T530X108M004AH4096 KEMET-T530X108M004AH4096 Datasheet
106Kb / 2P
   High Capacitance/Ultra-Low ESR Tantalum Surface Mount Capacitor
T530X108M004ATE006 KEMET-T530X108M004ATE006 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 1000 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 6mOhms, Height Max = 4.3mm
More results

Similar Description - T530X108M004A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com