Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C02CWI-1.8 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT24C02CWI-1.8
Description  2K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C02CWI-1.8 Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT24C02CWI-1.8 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C02CWI-1.8 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C02CWI-1.8 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C02CWI-1.8 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C02CWI-1.8 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C02CWI-1.8 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C02CWI-1.8 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C02CWI-1.8 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C02CWI-1.8 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CAT24C02C
8
Doc. No. 25086-00 8/99
S-1
ORDERING INFORMATION
5020 FHD F12
Figure 10. Sequential Read Timing
Figure 9. Selective Read Timing
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BYTE
ADDRESS (n)
S
A
C
K
DATA n
SLAVE
ADDRESS
A
C
K
S
T
A
R
T
*
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+x
DATA n
A
C
K
A
C
K
DATA n+1
A
C
K
S
T
O
P
N
O
A
C
K
DATA n+2
A
C
K
P
SLAVE
ADDRESS
Prefix
Device #
Suffix
24C02C
W
I
Product Number
24C02C: 2K
Package
W: Wafer Form
Operating Voltage
Blank: 2.5V - 6.0V
1.8: 1.8V - 6.0V
-1.8
CAT
Temperature Range
Blank = Commercial (0˚ - 70˚C)
I = Industrial (-40˚ - 85˚C)
A = Automotive (-40˚ - 105˚C)*
Optional
Company ID


Similar Part No. - CAT24C02CWI-1.8

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C02 CATALYST-CAT24C02 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C02 CATALYST-CAT24C02 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C02 ONSEMI-CAT24C02 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C02 ONSEMI-CAT24C02 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C02 ONSEMI-CAT24C02 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

Similar Description - CAT24C02CWI-1.8

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C102 CATALYST-CAT35C102 Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C202 CATALYST-CAT35C202 Datasheet
379Kb / 6P
   2K-Bit SERIAL E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C116 CATALYST-CAT35C116 Datasheet
431Kb / 7P
   16K-Bit SERIAL E2PROM
CAT33C101 CATALYST-CAT33C101 Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com