Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG702BRM-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADG702BRM-REEL
Description  CMOS Low Voltage 2 廓 SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG702BRM-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG702BRM-REEL Datasheet HTML 3Page - Analog Devices ADG702BRM-REEL Datasheet HTML 4Page - Analog Devices ADG702BRM-REEL Datasheet HTML 5Page - Analog Devices ADG702BRM-REEL Datasheet HTML 6Page - Analog Devices ADG702BRM-REEL Datasheet HTML 7Page - Analog Devices ADG702BRM-REEL Datasheet HTML 8Page - Analog Devices ADG702BRM-REEL Datasheet HTML 9Page - Analog Devices ADG702BRM-REEL Datasheet HTML 10Page - Analog Devices ADG702BRM-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG701/ADG702
Rev. C | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VD OR VS (DRAIN OR SOURCE VOLTAGE (V))
VDD = 2.7V
TA = 25°C
VDD = 3.0V
VDD = 5.0V
VDD = 4.5V
Figure 5. On Resistance as a Function of VD (VS) Single Supplies
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
VD OR VS (DRAIN OR SOURCE VOLTAGE (V))
+85
°C
+25
°C
–40
°C
VDD = 3V
Figure 6. On Resistance as a Function of VD (VS) for Different Temperatures
VDD = 3 V
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VD OR VS (DRAIN OR SOURCE VOLTAGE (V))
VDD = 5V
+85
°C
+25
°C
–40
°C
Figure 7. On Resistance as a Function of VD (VS) for Different Temperatures
VDD = 5 V
10m
1n
10n
100n
1
μ
10
μ
100
μ
1m
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VDD = 5V
Figure 8. Supply Current vs. Input Switching Frequency
–10
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = 5V, 3V
Figure 9. Off Isolation vs. Frequency
0
–6
–4
–2
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = 3V
Figure 10. Bandwidth


Similar Part No. - ADG702BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG702BRM-REEL AD-ADG702BRM-REEL Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG702BRM-REEL7 AD-ADG702BRM-REEL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Similar Description - ADG702BRM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com