Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T530Y477M006A Datasheet(PDF) 5 Page - Kemet Corporation

Part # T530Y477M006A
Description  KEMET Organic Capacitor (KO-CAP) T530 High Capacitance/125째C Rated Polymer Tantalum
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T530Y477M006A Datasheet(HTML) 5 Page - Kemet Corporation

  T530Y477M006A Datasheet HTML 1Page - Kemet Corporation T530Y477M006A Datasheet HTML 2Page - Kemet Corporation T530Y477M006A Datasheet HTML 3Page - Kemet Corporation T530Y477M006A Datasheet HTML 4Page - Kemet Corporation T530Y477M006A Datasheet HTML 5Page - Kemet Corporation T530Y477M006A Datasheet HTML 6Page - Kemet Corporation T530Y477M006A Datasheet HTML 7Page - Kemet Corporation T530Y477M006A Datasheet HTML 8Page - Kemet Corporation T530Y477M006A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2019_T530 • 2/3/2014
55
KEMET Organic Capacitor (KO-CAP) – T530 High Capacitance/125°C Rated Polymer Tantalum
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
Moisture
Sensitivity
Rated
Temp
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20°C
Maximum/
5 Minutes
% @ +20°C
120 Hz
Maximum
mΩ @ +20°C
100 kHz
Maximum
(mA) +45°C 100 kHz
Temperature
≤ 260ºC
(ºC)
2.5
470
D/7343-31
T530D477M2R5A(1)E005
118
8
5
7100
3
125
2.5
470
D/7343-31
T530D477M2R5A(1)E006
118
8
6
6500
3
125
2.5
470
D/7343-31
T530D477M2R5A(1)E010
118
8
10
5000
3
125
2.5
560
D/7343-31
T530D567M2R5A(1)E005
140
8
5
7100
3
125
2.5
680
Y/7343-40
T530Y687M2R5A(1)E005
170
8
5
7300
3
125
2.5
680
Y/7343-40
T530Y687M2R5A(1)E006
170
8
6
6600
3
125
2.5
680
Y/7343-40
T530Y687M2R5A(1)E007
170
8
7
6100
3
125
2.5
680
D/7343-31
T530D687M2R5A(1)E006
170
8
6
6500
3
125
2.5
680
D/7343-31
T530D687M2R5A(1)E010
170
8
10
5000
3
125
2.5
680
D/7343-31
T530D687M2R5A(1)E007
170
8
7
6000
3
125
2.5
680
X/7343-43
T530X687M2R5A(1)E006
170
8
6
6700
3
125
2.5
1000
Y/7343-40
T530Y108M2R5A(1)E005
250
8
5
7300
3
125
2.5
1000
Y/7343-40
T530Y108M2R5A(1)E006
250
8
6
6600
3
125
2.5
1000
X/7343-43
T530X108M2R5A(1)E004
250
8
4
8200
3
125
2.5
1000
X/7343-43
T530X108M2R5A(1)E005
250
8
5
7300
3
125
2.5
1000
X/7343-43
T530X108M2R5A(1)E006
250
8
6
6700
3
125
2.5
1500
X/7343-43
T530X158M2R5A(1)E005
375
8
5
7300
3
125
3
470
D/7343-31
T530D477M003A(1)E010
141
8
10
5000
3
125
3
680
D/7343-31
T530D687M003A(1)E010
204
8
10
5000
3
125
3
1000
X/7343-43
T530X108M003A(1)E010
300
8
10
5200
3
125
3
1500
X/7343-43
T530X158M003A(1)E008
450
8
8
5800
3
125
4
330
D/7343-31
T530D337M004A(1)E005
132
8
5
7100
3
125
4
330
D/7343-31
T530D337M004A(1)E006
132
8
6
6500
3
125
4
470
D/7343-31
T530D477M004A(1)E006
188
8
6
6500
3
125
4
470
D/7343-31
T530D477M004A(1)E010
188
8
10
5000
3
125
4
470
Y/7343-40
T530Y477M004A(1)E005
188
8
5
7300
3
125
4
470
Y/7343-40
T530Y477M004A(1)E006
188
8
6
6600
3
125
4
680
Y/7343-40
T530Y687M004A(1)E005
272
8
5
7300
3
125
4
680
X/7343-43
T530X687M004A(1)E004
272
8
4
8200
3
125
4
680
X/7343-43
T530X687M004A(1)E005
272
8
5
7300
3
125
4
680
X/7343-43
T530X687M004A(1)E006
272
8
6
6700
3
125
4
680
X/7343-43
T530X687M004A(1)E010
272
8
10
5200
3
125
4
1000
X/7343-43
T530X108M004A(1)E006
400
8
6
6700
3
125
6.3
220
D/7343-31
T530D227M006A(1)E005
139
8
5
7100
3
125
6.3
220
D/7343-31
T530D227M006A(1)E006
139
8
6
6500
3
125
6.3
330
D/7343-31
T530D337M006A(1)E006
208
8
6
6500
3
125
6.3
330
D/7343-31
T530D337M006A(1)E010
208
8
10
5000
3
125
6.3
330
Y/7343-40
T530Y337M006A(1)E005
208
8
5
7300
3
125
6.3
330
Y/7343-40
T530Y337M006A(1)E006
208
8
6
6600
3
125
6.3
330
Y/7343-40
T530Y337M006A(1)E010
208
8
10
5100
3
125
6.3
470
Y/7343-40
T530Y477M006A(1)E005
296
8
5
7300
3
125
6.3
470
X/7343-43
T530X477M006A(1)E004
296
8
4
8200
3
125
6.3
470
X/7343-43
T530X477M006A(1)E005
296
8
5
7300
3
125
6.3
470
X/7343-43
T530X477M006A(1)E006
296
8
6
6700
3
125
6.3
470
X/7343-43
T530X477M006A(1)E010
296
8
10
5200
3
125
6.3
680
X/7343-43
T530X687M006A(1)E010
428
8
10
5200
3
125
6.3
680
X/7343-43
T530X687M006A(1)E018
428
8
18
3900
3
125
10
150
D/7343-31
T530D157M010A(1)E005
150
8
5
7100
3
125
10
150
D/7343-31
T530D157M010A(1)E006
150
8
6
6500
3
125
10
150
D/7343-31
T530D157M010A(1)E010
150
8
10
5000
3
125
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20°C
Maximum/
5 Minutes
% @ +20°C
120 Hz
Maximum
mΩ @ +20°C
100 kHz
Maximum
(mA) +45°C 100 kHz
Temperature
≤ 260ºC
(ºC)
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
Moisture
Sensitivity
Rated
Temp
Table 1 – Ratings & Part Number Reference
(1) Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H).
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked
with the higher voltage rating. Substitutions can include better than series.


Similar Part No. - T530Y477M006A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T530Y477M006ATE005 KEMET-T530Y477M006ATE005 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, Multi-Anode, T530, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Multiple Anodes, Low ESR, 5mOhms, Height Max = 4mm
More results

Similar Description - T530Y477M006A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com