Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372ID
Description  Single or Dual-Supply Operation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC372ID Datasheet(HTML) 2 Page - Texas Instruments

  TLC372ID Datasheet HTML 1Page - Texas Instruments TLC372ID Datasheet HTML 2Page - Texas Instruments TLC372ID Datasheet HTML 3Page - Texas Instruments TLC372ID Datasheet HTML 4Page - Texas Instruments TLC372ID Datasheet HTML 5Page - Texas Instruments TLC372ID Datasheet HTML 6Page - Texas Instruments TLC372ID Datasheet HTML 7Page - Texas Instruments TLC372ID Datasheet HTML 8Page - Texas Instruments TLC372ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TLC372
LinCMOS DUAL DIFFERENTIAL COMPARATORS
SLCS114E − NOVEMBER 1983 − REVISED JULY 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
equivalent schematic (each comparator)
Common to All Channels
VDD
GND
OUT
IN +
IN −
AVAILABLE OPTIONS(1)
V
max
PACKAGED DEVICES
TA
VIO max
AT 25
°C
SMALL
OUTLINE
(D)(2)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)
CERAMIC
FLAT PACK
(U)
0
°C to 70°C
5 mV
TLC372CD
TLC372CP
TLC372CPW
−40
°C to 85°C
5 mV
TLC372ID
TLC372IP
−55
°C to 125°C
5 mV
TLC372MD
TLC372MFK
TLC372MJG
TLC372MP
TLC372MU
−40
°C to 125°C
5 mV
TLC372QD
TLC372QP
1. For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI web
site at www.ti.com.
2. The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC372CDR).


Similar Part No. - TLC372ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372ID TI-TLC372ID Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372ID TI-TLC372ID Datasheet
426Kb / 20P
[Old version datasheet]   LIN CMOS DUAL DIFFERENTIAL COMPARATORS
TLC372ID TI1-TLC372ID Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372ID TI-TLC372ID Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC372IDG4 TI1-TLC372IDG4 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC372ID

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
ams AG
AS3729B AMSCO-AS3729B Datasheet
448Kb / 18P
   Support for single or dual phase operation
logo
Maxim Integrated Produc...
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
   Single-Supply Operation
Rev 1; 4/99
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
   Single power supply operation
logo
Maxim Integrated Produc...
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
   Single 5V Supply Operation
Rev 0; 2/08
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
logo
National Semiconductor ...
CLC427 NSC-CLC427 Datasheet
130Kb / 8P
   Dual Voltage Feedback Amplifier for Single Supply Operation
logo
Analog Devices
OP-20 AD-OP-20 Datasheet
290Kb / 6P
   Micropower Operational Amplifier Single or Dual Supply
REV. B
OP-20 AD-OP-20_15 Datasheet
1Mb / 6P
   MICROPOWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com