Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372MD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372MD
Description  Single or Dual-Supply Operation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC372MD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC372MD Datasheet HTML 2Page - Texas Instruments TLC372MD Datasheet HTML 3Page - Texas Instruments TLC372MD Datasheet HTML 4Page - Texas Instruments TLC372MD Datasheet HTML 5Page - Texas Instruments TLC372MD Datasheet HTML 6Page - Texas Instruments TLC372MD Datasheet HTML 7Page - Texas Instruments TLC372MD Datasheet HTML 8Page - Texas Instruments TLC372MD Datasheet HTML 9Page - Texas Instruments TLC372MD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TLC372
LinCMOS DUAL DIFFERENTIAL COMPARATORS
SLCS114E − NOVEMBER 1983 − REVISED JULY 2008
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
A close approximation of the input offset voltage can be obtained by using a binary search method to vary the
differential input voltage while monitoring the output state. When the applied input voltage differential is equal, but
opposite in polarity, to the input offset voltage, the output changes states.
Figure 2 illustrates a practical circuit for direct dc measurement of input offset voltage that does not bias the
comparator into the linear region. The circuit consists of a switching-mode servo loop in which U1a generates a
triangular waveform of approximately 20-mV amplitude. U1b acts as a buffer, with C2 and R4 removing any residual
dc offset. The signal is then applied to the inverting input of the comparator under test, while the noninverting input
is driven by the output of the integrator formed by U1c through the voltage divider formed by R9 and R10. The loop
reaches a stable operating point when the output of the comparator under test has a duty cycle of exactly 50%, which
can only occur when the incoming triangle wave is sliced symmetrically or when the voltage at the noninverting input
exactly equals the input offset voltage.
Voltage divider R9 and R10 provides a step up of the input offset voltage by a factor of 100 to make measurement
easier. The values of R5, R8, R9, and R10 can significantly influence the accuracy of the reading; therefore, it is
suggested that their tolerance level be 1% or lower.
Measuring the extremely low values of input current requires isolation from all other sources of leakage current and
compensation for the leakage of the test socket and board. With a good picoammeter, the socket and board leakage
can be measured with no device in the socket. Subsequently, this open-socket leakage value can be subtracted from
the measurement obtained with a device in the socket to obtain the actual input current of the device.
R6
5.1 k
Buffer
U1b
1/4 TLC274C
R1
240 k
C2
1
µF
R4
47 k
U1a
1/4 TLC274CN
U1c
1/4 TLC274CN
R2
10 k
R3
100 k
C1
0.1
µF
R10
100
Ω, 1%
R9
10 k
Ω, 1%
R7
1 M
R8
1.8 k
Ω, 1%
R5
1.8 k
Ω, 1%
VDD
DUT
Integrator
VIO
(X100)
C3
0.68
µF
C4
0.1
µF
Triangle
Generator
+
Figure 2. Circuit for Input Offset Voltage Measurement


Similar Part No. - TLC372MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372MD TI-TLC372MD Datasheet
183Kb / 12P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372MD TI-TLC372MD Datasheet
426Kb / 20P
[Old version datasheet]   LIN CMOS DUAL DIFFERENTIAL COMPARATORS
TLC372MD TI1-TLC372MD Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372MD TI-TLC372MD Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC372MDG4 TI1-TLC372MDG4 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOSE DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC372MD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX41400EVKIT MAXIM-MAX41400EVKIT Datasheet
398Kb / 7P
   Single- or Dual-Supply Operation
319-100583; Rev 0; 8/20
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
ams AG
AS3729B AMSCO-AS3729B Datasheet
448Kb / 18P
   Support for single or dual phase operation
logo
Maxim Integrated Produc...
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
   Single-Supply Operation
Rev 1; 4/99
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
   Single power supply operation
logo
Maxim Integrated Produc...
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
   Single 5V Supply Operation
Rev 0; 2/08
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
logo
National Semiconductor ...
CLC427 NSC-CLC427 Datasheet
130Kb / 8P
   Dual Voltage Feedback Amplifier for Single Supply Operation
logo
Analog Devices
OP-20 AD-OP-20 Datasheet
290Kb / 6P
   Micropower Operational Amplifier Single or Dual Supply
REV. B
OP-20 AD-OP-20_15 Datasheet
1Mb / 6P
   MICROPOWER OPERATIONAL AMPLIFIER SINGLE OR DUAL SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com