Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108457096007027 Datasheet(PDF) 3 Page - AVX Corporation

Part # 108457096007027
Description  Male Style 1/2 B Series 8457 ??2 rows (2 x 16)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

108457096007027 Datasheet(HTML) 3 Page - AVX Corporation

  108457096007027 Datasheet HTML 1Page - AVX Corporation 108457096007027 Datasheet HTML 2Page - AVX Corporation 108457096007027 Datasheet HTML 3Page - AVX Corporation 108457096007027 Datasheet HTML 4Page - AVX Corporation 108457096007027 Datasheet HTML 5Page - AVX Corporation 108457096007027 Datasheet HTML 6Page - AVX Corporation 108457096007027 Datasheet HTML 7Page - AVX Corporation 108457096007027 Datasheet HTML 8Page - AVX Corporation 108457096007027 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
15
No. Contact
Contact
Positions
Rows
A
B
C
D
E
64
2 (2 x 32)
31
78.74
85.19
88.90
93.98
(3.100)
(3.354)
(3.500)
(3.700)
Male Style B
Series 8457 – 2 rows (2 x 32)
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
64
a + b fully loaded
10 8457 064 001 025
10 8457 064 001 049
3.4 mm (Y)
32
a + b even loading
10 8457 064 001 031
10 8457 064 001 055
Straight
32
a loading only
10 8457 064 001 027
10 8457 064 001 051
64
a + b fully loaded
10 8457 064 002 025
10 8457 064 002 049
32
a + b even loading
10 8457 064 002 031
10 8457 064 002 055
3.0 mm (Y)
32
a loading only
10 8457 064 002 027
10 8457 064 002 051
Right Angled
62 + 2
fully loaded + ground
10 8457 064 102 025
10 8457 064 102 049
64
a + b fully loaded
10 8457 064 003 025
10 8457 064 003 049
13.0 mm (Y)
32
a + b even loading
10 8457 064 003 031
10 8457 064 003 055
Straight
32
a loading only
10 8457 064 003 027
10 8457 064 003 051
64
a + b fully loaded
10 8457 064 004 025
10 8457 064 004 049
11.3 mm (Y)
32
a + b even loading
10 8457 064 004 031
10 8457 064 004 055
Right Angled
32
a loading only
10 8457 064 004 027
10 8457 064 004 051
64
a + b fully loaded
10 8457 064 008 025
10 8457 064 008 049
32
a + b even loading
10 8457 064 008 031
10 8457 064 008 055
2.3 mm (Y)
32
a loading only
10 8457 064 008 027
10 8457 064 008 051
Right Angled
62 + 2
fully loaded + ground
10 8457 064 108 025
10 8457 064 108 049
denotes ground pin
DIMENSIONS
LOADING DESCRIPTION
●●●●
b
●●●●
a
✕●
✕●
b
✕●
✕●
a
64 contacts, rows a + b fully loaded
✕✕✕✕
b
●●●●
a
●●●●
b
●●●●
a
32 contacts, rows a + b even loading
32 contacts, row a loading only
62 + 2 contacts, fully loaded
with ground in A1 + A32
Unit: millimeters (inches)
NB: Alternative Prefix Variations Available: 12, 16 & 17, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
E
C
D
8.51
[0.335]
6.20
[0.244]
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
0.200
TYP
5.31
[0.209]
8.51
[0.335]
11.1
[0.437]
Y
Y
1.02
[0.040]
KEYING
2.84
[0.112]
HOLE PATTERN
GROUND
CONTACT
For Y dimension see
contact design
ROW A
ROW B
1
1
2.54
[0.100]
2.54
[0.100]
2.54
[0.100]
DIA.
DIA.
DIA.


Similar Part No. - 108457096007027

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
108457096007027 AVX-108457096007027 Datasheet
362Kb / 12P
   Male Style 1/2 B
More results

Similar Description - 108457096007027

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
108457096002049 AVX-108457096002049 Datasheet
362Kb / 12P
   Series 8457 ??2 rows (2 x 16)
8457 AVX-8457 Datasheet
362Kb / 12P
   Male Style 1/2 B
8458 AVX-8458 Datasheet
498Kb / 11P
   Male Style 1/2 B Press-Fit
8557 AVX-8557 Datasheet
142Kb / 4P
   Male Style 1/2 C High Temperature
108557096002025 AVX-108557096002025 Datasheet
142Kb / 4P
   Male Style 1/2 C High Temperature
logo
Rosenberger Hochfrequen...
SLJ12RF-60M60M-X-00 ROSENBERGER-SLJ12RF-60M60M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 7-16 MALE
logo
FCI connector
86092327624765E1LF FCI-CONNECTOR-86092327624765E1LF Datasheet
92Kb / 1P
   STRAIGHT MALE STYLE R/2
logo
Rosenberger Hochfrequen...
SLJ12SP-53M60M-X-00 ROSENBERGER-SLJ12SP-53M60M-X-00 Datasheet
80Kb / 2P
   1/2" JUMPER N MALE / 7-16 MALE
SLJ12RP-53M60M-X-00 ROSENBERGER-SLJ12RP-53M60M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER N MALE / 7-16 MALE
SLJ12SF-53M60M-X-00 ROSENBERGER-SLJ12SF-53M60M-X-00 Datasheet
80Kb / 2P
   1/2 JUMPER N MALE / 7-16 MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com