Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

323173 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # 323173
Description  STRATO-THERM Terminals & Splices for High Temperature Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

323173 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  323173 Datasheet HTML 1Page - Analog Intergrations Corporation 323173 Datasheet HTML 2Page - Analog Intergrations Corporation 323173 Datasheet HTML 3Page - Analog Intergrations Corporation 323173 Datasheet HTML 4Page - Analog Intergrations Corporation 323173 Datasheet HTML 5Page - Analog Intergrations Corporation 323173 Datasheet HTML 6Page - Analog Intergrations Corporation 323173 Datasheet HTML 7Page - Analog Intergrations Corporation 323173 Datasheet HTML 8Page - Analog Intergrations Corporation 323173 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Tongue
Dimensions
Wire
Part Numbers
Wire Size
Material
Stud
Terminal
Insulation
Body
Circular Mils
Thickness
Size
W
C
E
L
Insulation
Diameter
Plating1
Loose
Tape
[mm2]
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
.203
.211
.542
.646
.082
26-24
.020
4
5.16
5.36
13.77
16.41
Black
2.08
Nickel
50829
238-475
0.51
6
.250
.281
.612
.740
.082
[0.12-0.24]
M3.5
6.35
7.14
15.54
18.80
Black
2.08
Nickel
50830
.281
.250
.631
.774
.100
4
7.14
6.35
16.03
19.66
Green
2.54
Nickel
50831
.281
.250
.631
.774
.100
6
7.14
6.35
16.03
19.66
Green
2.54
Nickel
50831-1
M3.5
.281
.250
.631
.774
.100
7.14
6.35
16.03
19.66
Green
2.54
Gold
1-332433-0
22-20
.025
.312
.281
.662
.821
.100
509-1,290
0.64
8
7.92
7.14
16.81
20.85
Green
2.54
Nickel
50832
50832-2
[0.26-0.65]
M4
.312
.281
.662
.821
.100
7.92
7.14
16.81
20.85
Green
2.54
Gold
332434
.312
.281
.662
.821
.100
7.92
7.14
16.81
20.85
Green
2.54
Nickel
50832-1
50832-3
10
.312
.281
.662
.821
.100
7.92
7.14
16.81
20.85
Green
2.54
Gold
1-332434-0
.218
.156
.560
.672
.135
4
5.54
3.96
14.22
17.07
Orange
3.43
Nickel
50834
.281
.250
.654
.797
.135
6
7.14
6.35
16.61
20.24
Orange
3.43
Nickel
50835
50835-1
M3.5
.281
.250
.654
.797
.135
7.14
6.35
16.61
20.24
Orange
3.43
Gold
332453
.312
.281
.685
.844
.135
18-16
.033
8
7.92
7.14
17.40
21.44
Orange
3.43
Nickel
50836
1,600-2,800
0.84
M4
.312
.281
.685
.844
.135
[0.81-1.42]
7.92
7.14
17.40
21.44
Orange
3.43
Gold
332454
.312
.281
.685
.844
.135
7.92
7.14
17.40
21.44
Orange
3.43
Nickel
50836-1
50836-3
10
.312
.281
.685
.844
.135
7.92
7.14
17.40
21.44
Orange
3.43
Gold
1-332454-0
1/4
.468
.437
.841
1.078
.135
M6
11.89
11.10
21.36
27.38
Orange
3.43
Nickel
50837
.531
.531
.924
1.192
.135
3⁄8
13.49
13.49
23.47
30.28
Orange
3.43
Nickel
50838
.250
.171
.575
.703
.150
6
6.35
4.34
14.61
17.86
White
3.81
Nickel
50839-1
M3.5
.250
.171
.575
.703
.150
6.35
4.34
14.61
17.86
White
3.81
Gold
1-332438-0
8
.343
.281
.685
.859
.150
14
.033
M4
8.71
7.14
17.40
21.82
White
3.81
Nickel
50840
4,234
0.84
.343
.281
.685
.859
.150
[2.15]
8.71
7.14
17.40
21.82
White
3.81
Nickel
50840-1
10
.343
.281
.685
.859
.150
8.71
7.14
17.40
21.82
White
3.81
Gold
1-332439-0
1/4
.468
.437
.841
1.078
.150
M6
11.89
11.10
21.36
27.38
White
3.81
Nickel
50841
1Nickel plated parts are to be used with nickel plated wire. Gold plated parts are to be used with silver plated wire.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
STRATO-THERM
Terminals & Splices for High Temperature Applications
Catalog 82011
Revised 3-98
Insulated Terminals and Splices
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
5
Related Product Data
Application Tooling — pages 17-21
Temperature Rating,
Material and Finish
Insulation — TEFLON
Terminal Body — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
550°F [288°C]. Gold per MIL-G-
45204 over Nickel per QQ-N-290
500°F [260°C]
Metallic Sleeve — Copper per
ASTM B152
Plating — Nickel per QQ-N-290,
550°F [288°C]
PIDG (Pre-Insulated
Diamond Grip)
Ring Tongue Terminals


Similar Part No. - 323173

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3231 POMONA-3231 Datasheet
28Kb / 1P
   Size B Aluminum Box With Cover BNC Male/Female
logo
List of Unclassifed Man...
3231 ETC2-3231 Datasheet
92Kb / 2P
   WASHERS AND NUTS
logo
Heyco.
3231 HEYCO-3231 Datasheet
264Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
KR Electronics, Inc.
3231-SMA KR-3231-SMA Datasheet
98Kb / 3P
   750 MHz Bandpass Filter
logo
Belden Inc.
323106A BELDEN-323106A Datasheet
213Kb / 2P
   RS-485, 1 Pr, 22AWG, Str TC, PE Ins, with OS, 1C 22AWG Str, PVC Ins, OA TC Brd, PVC Jkt, AIA, CPE Jkt, CM, PLTC, Sun Res
05-05-2023
More results

Similar Description - 323173

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
576782 MACOM-576782 Datasheet
326Kb / 7P
   PIDG STRATO-THERM Terminal Crimping Tools
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
   STRATO-THERM Die Head Assembly
logo
Tyco Electronics
5767154-3 MACOM-5767154-3 Datasheet
326Kb / 7P
   PIDG STRATO-THERM Terminal Crimping Tools
323063 MACOM-323063 Datasheet
91Kb / 1P
   TERMINAL, RING TONGUE, HEAT RESISTANT, STRATO-THERM
logo
TE Connectivity Ltd
408-10228 TEC-408-10228 Datasheet
315Kb / 5P
   This instruction sheet provides application instructions, maintenance, and inspection procedures for PIDG STRATO-THERM
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
50845-1 MACOM-50845-1 Datasheet
28Kb / 1P
   WIRE TERMINAL PIDG-STRATO-THERM-RING TONGUE WIRE SIZE: 12-10
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com