Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US1MFL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # US1MFL
Description  Features Halogen free available upon request by adding suffix "-HF"||" "573588
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

US1MFL Datasheet(HTML) 1 Page - Micro Commercial Components

  US1MFL Datasheet HTML 1Page - Micro Commercial Components US1MFL Datasheet HTML 2Page - Micro Commercial Components US1MFL Datasheet HTML 3Page - Micro Commercial Components US1MFL Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US1A
FL
THRU
US1M
FL
1 Amp Ultra Fast
Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -
65°C to +175°C
Storage Temperature: -
65°C to +175°C
Maximum Thermal Resistance; 30 °C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
US1A
FL
US1A
50V
35V
50V
US1B
FL
US1B
100V
70V
100V
US1D
FL
US1D
200V
140V
200V
US1G
FL
US1G
400V
280V
400V
US1J
FL
US1J
600V
420V
600V
US1K
FL
US1K
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL =
110°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
US1A
FL-1DFL
US1G
FL
US1J
FL-1MFL
VF
1.0V
1.4V
1.7V
IFM = 1.0A;
TJ = 25°C
Typical Junction
Capacitance
US1A
FL-1GFL
US1J
FL-1MFL
CJ
20pF
17pF
Measured at
1.0MHz, VR=4.0V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10uA
100uA
TA = 25°C
TA = 100°C
Maximum Reverse
Recovery Time
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
          
          
          
          
          
          
*Pulse test: Pulse width 300 sec, Duty cycle 1%





US1M
FL
US1M
1000V
700V
1000V
Revision:
C
20
14/03/18
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Glass Passivated Chip
Ultra Fast Switching For High Efficiency
For Surface Mounted Applications
Low Forward Voltage Drop And High Current Capability
Low Reverse Leakage Current
www.mccsemi.com
1 of 4
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
TM
Micro Commercial Components
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
US1C
FL
US1C
150V
105V
150V
US1AFL-US1GFL
US1JFL~US1KFL
US1MFL
50ns
100ns
75ns
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
DO-221AC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.035
.043
0.90
1.10
b
.049
.065
1.25
1.65
C
.004
.016
0.10
0.40
D
.089
.116
2.25
2.95
E
.188
.220
4.80
5.60
E1
.156
.181
3.95
4.60
L
.028
.059
0.70
1.50
SUGGESTED SOLDER
PAD LAYOUT
(SMA-FL)
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - US1MFL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
US1MFL MCC-US1MFL Datasheet
356Kb / 4P
   1 Amp Ultra Fast Rectifier 50 to 1000 Volts
logo
Rectron Semiconductor
US1MFL RECTRON-US1MFL Datasheet
344Kb / 5P
   VOLTAGE: 50 to 1000 Volts CURRENT: 1.0 Amperes
logo
Dongguan Pingjingsemi T...
US1MFL-PJ PJSEMI-US1MFL-PJ Datasheet
676Kb / 3P
   SURFACE ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com