Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108457096003049 Datasheet(PDF) 2 Page - AVX Corporation

Part # 108457096003049
Description  Male Style 1/2 B Series 8457 ??2 rows (2 x 16)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

108457096003049 Datasheet(HTML) 2 Page - AVX Corporation

  108457096003049 Datasheet HTML 1Page - AVX Corporation 108457096003049 Datasheet HTML 2Page - AVX Corporation 108457096003049 Datasheet HTML 3Page - AVX Corporation 108457096003049 Datasheet HTML 4Page - AVX Corporation 108457096003049 Datasheet HTML 5Page - AVX Corporation 108457096003049 Datasheet HTML 6Page - AVX Corporation 108457096003049 Datasheet HTML 7Page - AVX Corporation 108457096003049 Datasheet HTML 8Page - AVX Corporation 108457096003049 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
14
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
32
a + b fully loaded
20 8457 032 001 025
20 8457 032 001 049
0.6 x 0.6 mm post profile
16
a + b even loading
20 8457 032 001 031
20 8457 032 001 055
4.5 mm (Y) Straight
16
a loading only
20 8457 032 001 027
20 8457 032 001 051
32
a + b fully loaded
20 8457 032 002 025
20 8457 032 002 049
0.6 x 0.6 mm post profile
16
a + b even loading
20 8457 032 002 031
20 8457 032 002 055
2.9 mm (Y) Straight
16
a loading only
20 8457 032 002 027
20 8457 032 002 051
32
a + b fully loaded
20 8457 032 005 025
20 8457 032 005 049
0.6 x 0.6 mm post profile
16
a + b even loading
20 8457 032 005 031
20 8457 032 005 055
13.0 mm (Y) Straight
16
a loading only
20 8457 032 005 027
20 8457 032 005 051
32
a + b fully loaded
20 8457 032 010 025
20 8457 032 010 049
0.6 x 0.6 mm post profile
16
a + b even loading
20 8457 032 010 031
20 8457 032 010 055
7.0 mm (Y) Straight
16
a loading only
20 8457 032 010 027
20 8457 032 010 051
32
a + b even loading
20 8457 032 011 025
20 8457 032 011 049
0.6 x 0.6 mm post profile
16
a + b fully loaded
20 8457 032 011 031
20 8457 032 011 055
3.5 mm (Y) Straight
16
a loading only
20 8457 032 011 027
20 8457 032 011 051
32
a + b fully loaded
20 8457 032 012 025
20 8457 032 012 049
0.6 x 0.6 mm post profile
16
a + b even loading
20 8457 032 012 031
20 8457 032 012 055
19.4 mm (Y) Straight
16
a loading only
20 8457 032 012 027
20 8457 032 012 051
32
a + b fully loaded
20 8457 032 013 025
20 8457 032 013 049
0.6 x 0.6 mm post profile
16
a + b even loading
20 8457 032 013 031
20 8457 032 013 055
4.5 mm (Y) Right Angled
16
a loading only
20 8457 032 013 027
20 8457 032 013 051
Female Style 1/2 B
Series 8457 – 2 rows (2 x 16)
DIMENSIONS
LOADING DESCRIPTION
●●●●
b
●●●●
a
32 contacts, rows a + b fully loaded
No. Contact
Contact
Positions
Rows
A
B
C
D
E
32
2 (2 x 16)
15
38.10
44.30
49.99
54.91
(1.500)
(1.744)
(1.968)
(2.162)
✕✕✕✕
b
●●●●
a
16 contacts, row a loading only
✕●
✕●
b
✕●
✕●
a
16 contacts, rows a + b even loading
Unit: millimeters (inches)
NB: Alternative Prefix Variations Available: 22, 24, 25, 26 & 27, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
E
A EQ SP @ 2.54 [0.100] = B
D
A EQ SP @ 2.54 [0.100] = B
2.54
[0.100]
1.02
[0.040]
KEYING
2.84
[0.112]
HOLE PATTERN
For Y dimension
see contact design
ROW A
ROW B
C
5.94
[0.234]
D
0.30
[0.012]
ROW B
ROW A
Y
8.00
[0.315]
8.00
[0.315]
10.9
[0.429]
DIA.
DIA.
2.84
[0.110] DIA.
For Y dimension
see contact design
Y
1


Similar Part No. - 108457096003049

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
108457096003049 AVX-108457096003049 Datasheet
362Kb / 12P
   Male Style 1/2 B
More results

Similar Description - 108457096003049

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
108457096002049 AVX-108457096002049 Datasheet
362Kb / 12P
   Series 8457 ??2 rows (2 x 16)
8457 AVX-8457 Datasheet
362Kb / 12P
   Male Style 1/2 B
8458 AVX-8458 Datasheet
498Kb / 11P
   Male Style 1/2 B Press-Fit
8557 AVX-8557 Datasheet
142Kb / 4P
   Male Style 1/2 C High Temperature
108557096002025 AVX-108557096002025 Datasheet
142Kb / 4P
   Male Style 1/2 C High Temperature
logo
Rosenberger Hochfrequen...
SLJ12RF-60M60M-X-00 ROSENBERGER-SLJ12RF-60M60M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 7-16 MALE
logo
FCI connector
86092327624765E1LF FCI-CONNECTOR-86092327624765E1LF Datasheet
92Kb / 1P
   STRAIGHT MALE STYLE R/2
logo
Rosenberger Hochfrequen...
SLJ12SP-53M60M-X-00 ROSENBERGER-SLJ12SP-53M60M-X-00 Datasheet
80Kb / 2P
   1/2" JUMPER N MALE / 7-16 MALE
SLJ12RP-53M60M-X-00 ROSENBERGER-SLJ12RP-53M60M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER N MALE / 7-16 MALE
SLJ12SF-53M60M-X-00 ROSENBERGER-SLJ12SF-53M60M-X-00 Datasheet
80Kb / 2P
   1/2 JUMPER N MALE / 7-16 MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com