Electronic Components Datasheet Search |
|
323059 Datasheet(PDF) 7 Page - Analog Intergrations Corporation |
|
323059 Datasheet(HTML) 7 Page - Analog Intergrations Corporation |
7 / 24 page STRATO-THERM Terminals & Splices for High Temperature Applications Catalog 82011 Revised 3-98 Insulated Terminals and Splices (Continued) For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Product Information Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 7 Wire Tool Insulation Dimension Ring Part Color Diameter Color Numbers Guide Range L Max. .036 – .043 .500 0.91–1.09 12.70 Red and Green 328854 Green .044 – .051 .500 1.12–1.30 12.70 Blue and Green 328855 Green .052 – .056 .500 1.32–1.42 12.70 Yellow and Green 328856 Green .056 – .064 .500 1.42–1.63 12.70 Brown and Green 328857 Green .065 – .074 .500 1.65–1.88 12.70 Violet and Green 328858 Green .075 – .087 .500 1.91–2.21 12.70 Black and Orange 328859 Orange .088 – .110 .500 2.24–2.79 12.70 Gray and Orange 328860 Orange .125 – .138 .500 3.18–3.51 12.70 Nickel and Nickel 328861 White Related Product Data Application Tooling — shown this page Pre-Insulated Spare Wire Caps (For Unstripped Wire) Temperature Rating, Material and Finish Insulation — TEFLON Ring — Copper per ASTM B152 Plating — Nickel per QQ-N-290, 550°F [288°C] Tool Part No. 69272-1 Wire Size Dimension Metallic Wire Insulation Part Numbers Circular Mils L Max. Sleeve Diameter Loose Piece [mm2] Color Max. 22-20 1.156 .100 509-1,290 29.36 Natural 2.54 330377 [0.26-0.65] 18-16 1.531 .140 1,600-2,800 38.89 Red 3.56 330378 [0.81-1.42] 14-12 1.781 .170 3,831-6,654 45.24 Blue 4.32 330379 [1.94-3.37] Related Product Data Application Tooling — pages 17-21 Pre-Insulated Butt Splices Temperature Rating, Material and Finish Insulation — TEFLON Splice Body — Copper per ASTM B152 Plating — Gold per MIL-G-45204 over Nickel per QQ-N-290, 500°F [260°C] Metallic Sleeve — Copper per ASTM B152 Plating — Nickel per QQ-N-290, 550°F [288°C] |
Similar Part No. - 323059 |
|
Similar Description - 323059 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |