Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

208457096001025 Datasheet(PDF) 9 Page - AVX Corporation

Part # 208457096001025
Description  Male Style 1/2 B Series 8457 ??2 rows (2 x 16)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

208457096001025 Datasheet(HTML) 9 Page - AVX Corporation

Back Button 208457096001025 Datasheet HTML 4Page - AVX Corporation 208457096001025 Datasheet HTML 5Page - AVX Corporation 208457096001025 Datasheet HTML 6Page - AVX Corporation 208457096001025 Datasheet HTML 7Page - AVX Corporation 208457096001025 Datasheet HTML 8Page - AVX Corporation 208457096001025 Datasheet HTML 9Page - AVX Corporation 208457096001025 Datasheet HTML 10Page - AVX Corporation 208457096001025 Datasheet HTML 11Page - AVX Corporation 208457096001025 Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
21
DIMENSIONS
LOADING DESCRIPTION
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
96
a + b + c fully loaded
10 8457 096 001 025
10 8457 096 001 049
64
a + c fully loaded
10 8457 096 001 026
10 8457 096 001 050
32
a + c even loading
10 8457 096 001 033
10 8457 096 001 057
3.4 mm (Y)
32
a loading only
10 8457 096 001 027
10 8457 096 001 051
Straight
96
a + b + c fully loaded
10 8457 096 002 025
10 8457 096 002 049
64
a + c fully loaded
10 8457 096 002 026
10 8457 096 002 050
32
a + c even loading
10 8457 096 002 033
10 8457 096 002 057
3.0 mm (Y)
32
a loading only
10 8457 096 002 027
10 8457 096 002 051
Right Angled
96
a + b + c fully loaded
10 8457 096 003 025
10 8457 096 003 049
64
a + c fully loaded
10 8457 096 003 026
10 8457 096 003 050
13.0 mm (Y)
32
a + c even loading
10 8457 096 003 033
10 8457 096 003 057
Straight
32
a loading only
10 8457 096 003 027
10 8457 096 003 051
96
a + b + c fully loaded
10 8457 096 004 025
10 8457 096 004 049
64
a + c fully loaded
10 8457 096 004 026
10 8457 096 004 050
11.3mm (Y)
32
a + c even loading
10 8457 096 004 033
10 8457 096 004 057
Right Angled
32
a loading only
10 8457 096 004 027
10 8457 096 004 051
96
a + b + c fully loaded
10 8457 096 006 025
10 8457 096 006 049
64
a + c fully loaded
10 8457 096 006 026
10 8457 096 006 050
7.7 mm (Y)
32
a + c even loading
10 8457 096 006 033
10 8457 096 006 057
Solder Hole
32
a loading only
10 8457 096 006 027
10 8457 096 006 051
96
a + b + c fully loaded
10 8457 096 007 025
10 8457 096 007 049
64
a + c fully loaded
10 8457 096 007 026
10 8457 096 007 050
6.4 mm (Y)
32
a + c even loading
10 8457 096 007 033
10 8457 096 007 057
Solder Loop
32
a loading only
10 8457 096 007 027
10 8457 096 007 051
96
a + b + c fully loaded
10 8457 096 008 025
10 8457 096 008 049
64
a + c fully loaded
10 8457 096 008 026
10 8457 096 008 050
32
a + c even loading
10 8457 096 008 033
10 8457 096 008 057
2.3 mm (Y)
32
a loading only
10 8457 096 008 027
10 8457 096 008 051
Right Angled
Male Style C
Series 8457 – 3 rows (3 x 32)
NB: Alternative Prefix Variations Available: 12, 16 & 17, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
E
C
A EQ SP @ 2.54 [0.100] = B
D
5.08
[0.200]
5.08
[0.200]
5.31
[0.209]
Y
Y
HOLE PATTERN
GROUND CONTACT
For Y dimension see contact design
ROW A
ROW B
1
1
2.54
[0.100]
2.54
[0.100]
2.54
[0.100]
8.74
[0.344]
ROW C
11.0
[0.433]
12.7
[0.500]
ROW C
ROW B
ROW A
D
2.84
[0.112]
1.02
[0.040]
KEYING
11.0
[0.433]
13.6
[0.535]
A EQ SP @ 2.54 [0.100] = B
DIA.
DIA.
DIA.
96 contacts, rows a + b + c fully loaded
●●●●
c
●●●●
b
●●●●
a
64 contacts, rows a + c fully loaded
●●●●
c
✕✕✕✕
b
●●●●
a
32 contacts, row a loading only
✕✕✕✕
c
✕✕✕✕
b
●●●●
a
Ground pin not available
32 contacts, rows a + c even loading
✕●
✕●
c
✕✕✕✕
b
✕●
✕●
a
No. Contact
Positions
96
Contact
Rows
3 (3 x 32)
A
31
B
78.74 (3.100)
C
85.29 (3.358)
D
88.90 (3.500)
E
93.90 (3.697)


Similar Part No. - 208457096001025

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
208457096001025 AVX-208457096001025 Datasheet
362Kb / 12P
   Male Style 1/2 B
More results

Similar Description - 208457096001025

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
108457096002049 AVX-108457096002049 Datasheet
362Kb / 12P
   Series 8457 ??2 rows (2 x 16)
8457 AVX-8457 Datasheet
362Kb / 12P
   Male Style 1/2 B
8458 AVX-8458 Datasheet
498Kb / 11P
   Male Style 1/2 B Press-Fit
8557 AVX-8557 Datasheet
142Kb / 4P
   Male Style 1/2 C High Temperature
108557096002025 AVX-108557096002025 Datasheet
142Kb / 4P
   Male Style 1/2 C High Temperature
logo
Rosenberger Hochfrequen...
SLJ12RF-60M60M-X-00 ROSENBERGER-SLJ12RF-60M60M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER 7-16 MALE / 7-16 MALE
logo
FCI connector
86092327624765E1LF FCI-CONNECTOR-86092327624765E1LF Datasheet
92Kb / 1P
   STRAIGHT MALE STYLE R/2
logo
Rosenberger Hochfrequen...
SLJ12SP-53M60M-X-00 ROSENBERGER-SLJ12SP-53M60M-X-00 Datasheet
80Kb / 2P
   1/2" JUMPER N MALE / 7-16 MALE
SLJ12RP-53M60M-X-00 ROSENBERGER-SLJ12RP-53M60M-X-00 Datasheet
541Kb / 2P
   1/2??JUMPER N MALE / 7-16 MALE
SLJ12SF-53M60M-X-00 ROSENBERGER-SLJ12SF-53M60M-X-00 Datasheet
80Kb / 2P
   1/2 JUMPER N MALE / 7-16 MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com