Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM1324STM Datasheet(PDF) 3 Page - International Rectifier

Part # OM1324STM
Description  1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM1324STM Datasheet(HTML) 3 Page - International Rectifier

  OM1324STM Datasheet HTML 1Page - International Rectifier OM1324STM Datasheet HTML 2Page - International Rectifier OM1324STM Datasheet HTML 3Page - International Rectifier OM1324STM Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.5 - 19
3.5
OM1324NTM, OM1324STM, OM1324NKM, OM1324SMM, OM1324NMM, OM1324N2M
OM1324STM
Vin
Cin*
0.1 µF
Vout
R2
Adjust
IAdj
R1
240Ω
APPLICATION
*Cin is required if regulator is located an
appreciable distance from power supply filter.
** Co is not needed for stability, however it does
improve transient response.
Vout = 1.25 V (1 +
)+ IAd j R2
Since IAdj is controlled to less than 100 µA,
the error associated with this term is negligible
in most applications.
R2
R1
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
VDIFF = 3.0V, TA = 25°C1.238
1.262
VDIFF = 3.3V
1.225
1.270
V
VDIFF = 40V
1.225
1.270
Line Regulation
RLINE
3.0V ≤ VDIFF ≤ 40V, Vout = Vref, TA = 25°C-4.5
4.5
mV
(Note 1)
3.3V ≤ VDIFF ≤ 40V, Vout = Vref
•-9
9
Load Regulation
RLOAD
VDIFF = 3.0V, 10mA ≤ IL ≤ 500 mA, TA = 25°C-15
15
(Note 1)
VDIFF = 3.3V, 10mA ≤ IL ≤ 500 mA
-15
15
mV
VDIFF = 40V, 10mA ≤ IL ≤ 150 mA, TA = 25°C-15
15
VDIFF = 40V, 10mA ≤ IL ≤ 100 mA
-15
15
Thermal Regulation
VRTH
Vin = 14.6V, IL = 300 mA
-2
2
mV
Pd = 4.0 Watts, t = 20 ms, TA = 25°C
Ripple Rejection
RN
f = 120 Hz, Vout = Vref
66
dB
(Note 2)
CAdj = 10 µF
Adjustment Pin Current
IAdj
VDIFF = 3.0V, TA = 25°C100
VDIFF = 3.3V
100
µA
VDIFF = 40V
100
Adjustment Pin
∆IAdj
VDIFF = 3.0V, 10mA ≤ IL ≤ 500 mA, TA = 25°C-5
5
Current Change
VDIFF = 3.3V, 10mA ≤ IL ≤ 500 mA
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 150mA, TA = 25°C-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 100mA
-5
5
µA
3.0V ≤ VDIFF ≤ 40V, TA = 25°C-5
5
3.3V ≤ VDIFF ≤ 40V
-5
5
Miminum Load Current
ILmin
VDIFF = 3.0V, VOUT = 1.4V (forced)
5.0
VDIFF = 3.3V, VOUT = 1.4V (forced)
5.0
mA
VDIFF = 40V, VOUT = 1.4V (forced)
5.0
Current Limit
ICL
VDIFF = 15V
0.5
1.65
(Note 2)
VDIFF = 40V, TA = 25°C0.15
0.65
A
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. If not tested, shall be guaranteed to the specified limits.
3. The
denotes the specifications which apply over the full operating temperature range.
ELECTRICAL CHARACTERISTICS -55°C ≤ T
A ≤ 125°C, IL = 8mA (unless otherwise specified)
OM1324N2M


Similar Part No. - OM1324STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1324STM ETC1-OM1324STM Datasheet
37Kb / 4P
   Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages
More results

Similar Description - OM1324STM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM1320STM ETC-OM1320STM Datasheet
49Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
OM1321SMM ETC1-OM1321SMM Datasheet
40Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402
logo
International Rectifier
7703401UA IRF-7703401UA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
7703401TA ETC2-7703401TA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1322ST ETC-OM1322ST Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403
OM1327SMM ETC-OM1327SMM Datasheet
53Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703408
OM1323 ETC1-OM1323 Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com