Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7241-AT5 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS7241-AT5
Description  8-PIN SOP SOLID STATE RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7241-AT5 Datasheet(HTML) 2 Page - California Eastern Labs

  PS7241-AT5 Datasheet HTML 1Page - California Eastern Labs PS7241-AT5 Datasheet HTML 2Page - California Eastern Labs PS7241-AT5 Datasheet HTML 3Page - California Eastern Labs PS7241-AT5 Datasheet HTML 4Page - California Eastern Labs PS7241-AT5 Datasheet HTML 5Page - California Eastern Labs PS7241-AT5 Datasheet HTML 6Page - California Eastern Labs PS7241-AT5 Datasheet HTML 7Page - California Eastern Labs PS7241-AT5 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current (DC)
mA
50
VR
Reverse Voltage
V
5.0
PD
Power Dissipation
mW/ch
50
IFP
Peak Forward Current2
A
1.0
MOSFET
VL
Break Down Voltage
V
400
IL
Continuous Load Current
mA
120
ILP
Pulse Load Current3
mA
250
(AC/DC Connection)
PD
Power Dissipation
mW
430
Diode
IF
Forward Current
mA
50
VR
Reverse Voltage4
V
5.0
PD
Power Dissipation
mW/ch
50
IFP
Peak Forward Current2
A
1.0
Transistor
VCEO
Collector to Emitter Voltage
V
40
VECO
Emitter to Collector Voltage
V
6.0
IC
Collector Current
mA
80
PC
Power Dissipation
mW
100
BV
Isolation Voltage5
Vr.m.s.
1500
PT
Total Power Dissipation
mW
630
TA
Operating Ambient Temp.
°C
-40 to 80
TSTG
Storage Temperature
°C
-40 to 100
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
PS7241-AT1, PS7241-AT5
Notes:
1 .Operation in excess of any one of these parameters may result
in permanent damage.
2. PW = 100 µs, Duty Cycle = 1%.
3. PW = 100 ms, 1 shot.
4. PS7241-AT1 only.
5. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between input
and ouput.
PS7241-AT1
OUTLINE DIMENSIONS (Units in mm)
PS7241-AT5
RECOMMENDED
OPERATING CONDITIONS (TA = 25˚C)
SYMBOLS
PARAMETERS
UNITS
MIN TYP MAX
OCMOS FET
IF
LED Operating Current
mA
2
10
20
VF
LED Off Voltage
V
0
0.5
(TOP VIEW)
(TOP VIEW)
PART NUMBER
PACKAGE
PACKING STYLE
PS7241-AT1
8-pin SOP
Magazine case 45 pcs
PS7241-AT1-F3
Embossed Tape 1500 pcs/reel
PS7241-AT1-F4
PS7241-AT5
Magazine case 45 pcs
PS7241-AT5-F3
Embossed Tape 1500 pcs/reel
PS7241-AT5-F4
ORDERING INFORMATION
1LED Anode
2LED Cathode
3Tr Collector
4Tr Emitter
5LED Anode
6LED Cathode
7
MOSFET
8
MOSFET
7.0±0.3
0.5±0.3
4.4
8
1
234
76
5
0.4
+0.10
-0.05
2.54
2.54
2.54
2.05
+0.08
-0.05
0.5
+0.08
-0.05
9.08±0.5
0.4±0.3
1
LED Anode
2
LED Cathode
3Tr Collector
4Tr Emitter
5
LED Anode/Cathode
6
LED Cathode/Anode
7
MOSFET
8
MOSFET
8
1
234
76
5
9.08±0.5
0.4±0.3
0.4
+0.10
-0.05
2.54
2.54
2.54
2.05
+0.08
-0.05
0.5
+0.08
-0.05
7.0±0.3
0.5±0.3
4.4


Similar Part No. - PS7241-AT5

ManufacturerPart #DatasheetDescription
logo
NEC
PS7241-AT5 NEC-PS7241-AT5 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
PS7241-AT5-F3 NEC-PS7241-AT5-F3 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
PS7241-AT5-F4 NEC-PS7241-AT5-F4 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
More results

Similar Description - PS7241-AT5

ManufacturerPart #DatasheetDescription
logo
NEC
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
logo
California Eastern Labs
PS7200N-1A CEL-PS7200N-1A Datasheet
21Kb / 2P
   4 PIN SOP SOLID STATE RELAY
logo
NEC
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
California Eastern Labs
PS7200J-1A CEL-PS7200J-1A Datasheet
47Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
NEC
PS7142-2A NEC-PS7142-2A Datasheet
44Kb / 7P
   8 PIN DIP SOLID STATE RELAY
PS7111-2A NEC-PS7111-2A_01 Datasheet
50Kb / 6P
   8 PIN DIP SOLID STATE RELAY
PS7200J-1A NEC-PS7200J-1A Datasheet
44Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
California Eastern Labs
PS7841-A15 CEL-PS7841-A15 Datasheet
36Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
PS7111-2A CEL-PS7111-2A Datasheet
51Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
Vishay Siliconix
LH1540ACD VISHAY-LH1540ACD Datasheet
98Kb / 4P
   1 Form A SOP Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com