Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7221A-2A-F4 Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS7221A-2A-F4
Description  Solid State Relay OCMOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7221A-2A-F4 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS7221A-2A-F4 Datasheet HTML 2Page - California Eastern Labs PS7221A-2A-F4 Datasheet HTML 3Page - California Eastern Labs PS7221A-2A-F4 Datasheet HTML 4Page - California Eastern Labs PS7221A-2A-F4 Datasheet HTML 5Page - California Eastern Labs PS7221A-2A-F4 Datasheet HTML 6Page - California Eastern Labs PS7221A-2A-F4 Datasheet HTML 7Page - California Eastern Labs PS7221A-2A-F4 Datasheet HTML 8Page - California Eastern Labs PS7221A-2A-F4 Datasheet HTML 9Page - California Eastern Labs PS7221A-2A-F4 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet PN10300EJ02V0DS
6
PS7221A-2A
TURN-OFF TIME vs. FORWARD CURRENT
Forward Current IF (mA)
Turn-off Time toff (ms)
TURN-OFF TIME DISTRIBUTION
n = 50 pcs,
IF = 10 mA,
VO = 5 V,
RL = 500
Turn-on Time ton (ms)
TURN-ON TIME DISTRIBUTION
n = 50 pcs,
IF = 10 mA,
VO = 5 V,
RL = 500
TURN-ON TIME vs. FORWARD CURRENT
Forward Current IF (mA)
n = 50 pcs,
IF = 10 mA,
IL = 10 mA
ON-STATE RESISTANCE DISTRIBUTION
On-state Resistance Ron (
Ω)
Normalized to 1.0
at TA = 25 ˚C,
IF = 10 mA,
IL = 10 mA
Ambient Temperature TA (˚C)
NORMALIZED ON-STATE RESISTANCE vs.
AMBIENT TEMPERATURE
VO = 5 V,
RL = 500
5
15
20
25
10
30
2.5
2.0
1.5
1.0
0.5
0
5
15
20
30
25
10
0.25
0.20
0.15
0.10
0.05
0
VO = 5 V,
RL = 500
0.3
0.4
30
20
15
10
0
5
25
–25
0
25
50
75
100
3.0
2.5
2.0
1.0
0.0
0.5
1.5
3.0
3.4
3.8
3.2
3.6
30
20
15
10
0
5
25
0.5
0.02
0.04
30
20
15
10
0
5
25
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS7221A-2A-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7221A-2A-F4 NEC-PS7221A-2A-F4 Datasheet
70Kb / 7P
   8-PIN SOP, 260 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7221A-2A-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7205B-1A CEL-PS7205B-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7200K-1A CEL-PS7200K-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1C CEL-PS7122A-1C Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1B RENESAS-PS7122A-1B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com