Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7141CL-2A Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7141CL-2A
Description  Solid State Relay OCMOS FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7141CL-2A Datasheet(HTML) 1 Page - California Eastern Labs

  PS7141CL-2A Datasheet HTML 1Page - California Eastern Labs PS7141CL-2A Datasheet HTML 2Page - California Eastern Labs PS7141CL-2A Datasheet HTML 3Page - California Eastern Labs PS7141CL-2A Datasheet HTML 4Page - California Eastern Labs PS7141CL-2A Datasheet HTML 5Page - California Eastern Labs PS7141CL-2A Datasheet HTML 6Page - California Eastern Labs PS7141CL-2A Datasheet HTML 7Page - California Eastern Labs PS7141CL-2A Datasheet HTML 8Page - California Eastern Labs PS7141CL-2A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8-PIN DIP, 200 mA TYP.
CURRENT LIMIT TYPE
2-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7141C-2A,PS7141CL-2A
−NEPOC Series−
DESCRIPTION
The PS7141C-2A and PS7141CL-2A are solid state relays containing GaAs LEDs on the light emitting side (input
side) and MOS FETs including current control circuit on the output side. Current control circuit of OCMOS FET
protects this device from thermal breakdown and output circuit.
They are suitable for analog signal control because of their low offset and high linearity.
The PS7141CL-2A has a surface mount type lead.
FEATURES
• Limit current (ILMT = 170 to 250 mA)
• 2 channel type (1 a + 1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (8-pin DIP)
• Low offset voltage
• Ordering number of taping product : PS7141CL-2A-E3, E4: 1 000 pcs/reel
<R>
• Pb-Free product
<R>
• Safety standards
• UL approved: File No. E72422
• BSI approved: No. 8245/8246
• CSA approved: No. CA 101391
APPLICATIONS
• Exchange equipment
• Measurement equipment
• FA/OA equipment
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Document No. PN10283EJ02V0DS (2nd edition)
Date Published July 2006 NS CP(K)
1998, 2006


Similar Part No. - PS7141CL-2A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141CL-2A NEC-PS7141CL-2A Datasheet
71Kb / 12P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141CL-2A RENESAS-PS7141CL-2A Datasheet
259Kb / 15P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7141CL-2A-E3 NEC-PS7141CL-2A-E3 Datasheet
71Kb / 12P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
PS7141CL-2A-E4 NEC-PS7141CL-2A-E4 Datasheet
71Kb / 12P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7141CL-2A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
   Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
   Solid State Relay OCMOS FET
PS7205B-1A CEL-PS7205B-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7200K-1A CEL-PS7200K-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS7122A-1C CEL-PS7122A-1C Datasheet
201Kb / 14P
   Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7122A-1B RENESAS-PS7122A-1B Datasheet
271Kb / 16P
   Solid State Relay OCMOS FET
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com