Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2733-1 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2733-1
Description  HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2733-1 Datasheet(HTML) 5 Page - California Eastern Labs

  PS2733-1 Datasheet HTML 1Page - California Eastern Labs PS2733-1 Datasheet HTML 2Page - California Eastern Labs PS2733-1 Datasheet HTML 3Page - California Eastern Labs PS2733-1 Datasheet HTML 4Page - California Eastern Labs PS2733-1 Datasheet HTML 5Page - California Eastern Labs PS2733-1 Datasheet HTML 6Page - California Eastern Labs PS2733-1 Datasheet HTML 7Page - California Eastern Labs PS2733-1 Datasheet HTML 8Page - California Eastern Labs PS2733-1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PS2732-1,PS2733-1
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
100
50
25
0
75
25
50
75
100
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
100
0.1
1
0.01
10
0.6
1.0
1.4
1.6
0.8
1.2
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
+25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
TA = +100 ˚C
+75 ˚C
+50 ˚C
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
200
150
100
50
0
25
50
75
100
0.1
–50
VCE = 300 V
1
10
100
1 000
–25
0
25
50
75
100
10 000
1.5 mW/˚C
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1 000
100
10
1
0.1
01
2
34
5
160
140
120
100
80
60
40
20
1 mA
IF = 5 mA
2 mA
1 mA
0.5 mA
IF = 0.5 mA
1.5 mA
2 mA
2.5 mA
3.5 mA
3 mA
5 mA
4 mA
4.5 mA
Data Sheet PN10248EJ01V0DS
5


Similar Part No. - PS2733-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2733-1 NEC-PS2733-1 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2733-1 ETC2-PS2733-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2733-1 RENESAS-PS2733-1 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-F3 RENESAS-PS2733-1-F3 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-F4 RENESAS-PS2733-1-F4 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2733-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2707-1 NEC-PS2707-1 Datasheet
95Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2707-1 CEL-PS2707-1 Datasheet
375Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2707-1 RENESAS-PS2707-1 Datasheet
272Kb / 16P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com