Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2861-1-F4-A Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS2861-1-F4-A
Description  HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2861-1-F4-A Datasheet(HTML) 8 Page - California Eastern Labs

  PS2861-1-F4-A Datasheet HTML 1Page - California Eastern Labs PS2861-1-F4-A Datasheet HTML 2Page - California Eastern Labs PS2861-1-F4-A Datasheet HTML 3Page - California Eastern Labs PS2861-1-F4-A Datasheet HTML 4Page - California Eastern Labs PS2861-1-F4-A Datasheet HTML 5Page - California Eastern Labs PS2861-1-F4-A Datasheet HTML 6Page - California Eastern Labs PS2861-1-F4-A Datasheet HTML 7Page - California Eastern Labs PS2861-1-F4-A Datasheet HTML 8Page - California Eastern Labs PS2861-1-F4-A Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PS2861-1
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
235
°C or below (package surface temperature)
• Time of temperature higher than 210
°C
30 seconds or less
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt % is recommended.)
60 to 120 s
(preheating)
210 ˚C
100 to 160 ˚C
Time (s)
(heating)
to 10 s
to 30 s
235 ˚C (peak temperature)
Recommended Temperature Profile of Infrared Reflow
(2) Dip soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of
0.2 Wt % is recommended.)
(3) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output or between
corrector-emitters at startup, the output side may enter the on state, even if the voltage is within the absolute
maximum ratings.
Data Sheet PN10258EJ01V0DS
8


Similar Part No. - PS2861-1-F4-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2861-1-F4 ETC-PS2861-1-F4 Datasheet
139Kb / 6P
   PS2861
More results

Similar Description - PS2861-1-F4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2621 CEL-PS2621 Datasheet
123Kb / 4P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761-1 RENESAS-PS2761-1 Datasheet
261Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS2761-1 CEL-PS2761-1 Datasheet
346Kb / 9P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2861-1 RENESAS-PS2861-1 Datasheet
239Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS2765-1 CEL-PS2765-1 Datasheet
86Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S2752Q RENESAS-RV1S2752Q Datasheet
274Kb / 12P
   AUTOMOTIVE HIGH ISOLATION VOLTAGE, 4-PIN SOP (SO4) PHOTOCOUPLER
Rev.2.00 Mar 09, 2023
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com