Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2733-1-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2733-1-A
Description  HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2733-1-A Datasheet(HTML) 4 Page - California Eastern Labs

  PS2733-1-A Datasheet HTML 1Page - California Eastern Labs PS2733-1-A Datasheet HTML 2Page - California Eastern Labs PS2733-1-A Datasheet HTML 3Page - California Eastern Labs PS2733-1-A Datasheet HTML 4Page - California Eastern Labs PS2733-1-A Datasheet HTML 5Page - California Eastern Labs PS2733-1-A Datasheet HTML 6Page - California Eastern Labs PS2733-1-A Datasheet HTML 7Page - California Eastern Labs PS2733-1-A Datasheet HTML 8Page - California Eastern Labs PS2733-1-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PS2732-1,PS2733-1
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.15
1.4
V
Reverse Current
IR
VR = 5 V
5
µA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Transistor
Collector to Emitter Dark
Current
ICEO
IF = 0 mA, VCE = 300 V
400
nA
Coupled
Current Transfer Ratio
(IC/IF)
CTR
IF = 1 mA, VCE = 2 V
1 500
4 000
%
Collector Saturation
Voltage
VCE (sat)
IF = 1 mA, IC = 2 mA
1.0
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time
*1
tr
VCC = 5 V, IC = 10 mA, RL = 100
100
µs
Fall Time
*1
tf
100
*1 Test circuit for switching time
VCC
VOUT
RL = 100
IF
50
Pulse Input
PW = 1 ms
Duty cycle = 1/10
Data Sheet PN10248EJ01V0DS
4


Similar Part No. - PS2733-1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2733-1-F3 RENESAS-PS2733-1-F3 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-F4 RENESAS-PS2733-1-F4 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-V RENESAS-PS2733-1-V Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-V-F3 RENESAS-PS2733-1-V-F3 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-V-F4 RENESAS-PS2733-1-V-F4 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2733-1-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2707-1 NEC-PS2707-1 Datasheet
95Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2707-1 CEL-PS2707-1 Datasheet
375Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2707-1 RENESAS-PS2707-1 Datasheet
272Kb / 16P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com