Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2733-1-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2733-1-A
Description  HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2733-1-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2733-1-A Datasheet HTML 2Page - California Eastern Labs PS2733-1-A Datasheet HTML 3Page - California Eastern Labs PS2733-1-A Datasheet HTML 4Page - California Eastern Labs PS2733-1-A Datasheet HTML 5Page - California Eastern Labs PS2733-1-A Datasheet HTML 6Page - California Eastern Labs PS2733-1-A Datasheet HTML 7Page - California Eastern Labs PS2733-1-A Datasheet HTML 8Page - California Eastern Labs PS2733-1-A Datasheet HTML 9Page - California Eastern Labs PS2733-1-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PS2732-1,PS2733-1
25
1.2
1.0
0.8
0.6
0.4
0.2
–50
0
–25
50
75
100
5 000
0
VCE = 2 V
0.1
300
20
VCC = 10 V,
IC = 10 mA
Normalized to 1.0
at TA = 25 ˚C,
IF = 1 mA, VCE = 2 V
0.01
VCE = 4 V,
IC = 10 mA,
Vin = 0.1 Vp-p
–25
–15
–10
–5
0
4 000
3 000
2 000
1 000
Sample B
Sample A
0.5
1
5
10
20
100
50
10
1
5
50
100
500
1 k
2 k
tr
td
tf
ts
–30
–20
0.1
1
10
100
Vin
F
µ
1
47
1 k
Vout
100
1 k
0
RL
1.2
1.0
0.8
0.6
0.4
0.2
0
10
102
103
104
105
106
IF = 1 mA
TA = 25 ˚C
TA = 60 ˚C
Forward Current IF (mA)
Ambient Temperature TA (˚C)
Load Resistance RL (
Ω)
Frequency f (kHz)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
FREQUENCY RESPONSE
LONG TERM CTR DEGRADATION
Time (Hr)
RL = 10
Remark The measurement of TYPICAL CHARACTERISTICS are only for reference, not guaranteed.
Data Sheet PN10248EJ01V0DS
6


Similar Part No. - PS2733-1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2733-1-F3 RENESAS-PS2733-1-F3 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-F4 RENESAS-PS2733-1-F4 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-V RENESAS-PS2733-1-V Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-V-F3 RENESAS-PS2733-1-V-F3 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-V-F4 RENESAS-PS2733-1-V-F4 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2733-1-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2707-1 NEC-PS2707-1 Datasheet
95Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2707-1 CEL-PS2707-1 Datasheet
375Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2707-1 RENESAS-PS2707-1 Datasheet
272Kb / 16P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com