Electronic Components Datasheet Search |
|
PS2761B-1-V-F3-A Datasheet(PDF) 9 Page - California Eastern Labs |
|
PS2761B-1-V-F3-A Datasheet(HTML) 9 Page - California Eastern Labs |
9 / 13 page Data Sheet PN10651EJ03V0DS 9 PS2761B-1 NOTES ON HANDLING 1. Recommended soldering conditions (1) Infrared reflow soldering • Peak reflow temperature 260 °C or below (package surface temperature) • Time of peak reflow temperature 10 seconds or less • Time of temperature higher than 220 °C 60 seconds or less • Time to preheat temperature from 120 to 180 °C 120 ±30 s • Number of reflows Three • Flux Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) 120±30 s (preheating) 220 °C 180 °C Time (s) Recommended Temperature Profile of Infrared Reflow (heating) to 10 s to 60 s 260 °C MAX. 120 °C (2) Wave soldering • Temperature 260 °C or below (molten solder temperature) • Time 10 seconds or less • Preheating conditions 120 °C or below (package surface temperature) • Number of times One (Allowed to be dipped in solder including plastic mold portion.) • Flux Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (3) Soldering by soldering iron • Peak temperature (lead part temperature) 350 °C or below • Time (each pins) 3 seconds or less • Flux Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of 0.2 Wt% is recommended.) (a) Soldering of leads should be made at the point 1.5 to 2.0 mm from the root of the lead. (b) Please be sure that the temperature of the package would not be heated over 100 °C. |
Similar Part No. - PS2761B-1-V-F3-A |
|
Similar Description - PS2761B-1-V-F3-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |