Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A101HI Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # A101HI
Description  A100HI SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A101HI Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  A101HI Datasheet HTML 1Page - MicroPower Direct, LLC A101HI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
1.5W Output Power
8,000 VDC Isolation
2 µA Leakage Current Max
Compact DIP Case
Single & Dual Outputs
Meets EN55022 Class A
1.0 MH MTBF
Industry Standard Pin-Out
A100HI
Ultra-High Isolation, 1.5W
Single & Dual Output
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
15 VDC Input
13.5
15.0
16.5
Input Filter
 (Pi) Filter
Reverse Polarity Input Current
0.5
A
Short Circuit Input Power
1,000
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±2.0
±4.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
±2.0
%
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation, (Note 1)
See Model Selection Guide
Ripple & Noise (20 MHz) (Note 2)
30
40
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
50
mV P - P
Ripple & Noise (20 MHz)
15
mV rms
Output Power Protection
120
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Continuous
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, Rated
60 Seconds
8,000
VDC
Isolation Test Voltage
Flash Tested For 1 Second
8,800
VDC
Leakage Current
240 VAC, 60 Hz
2
µA
Isolation Resistance
500 VDC
10
G
Isolation Capacitance
100 kHz, 1V
10
15
pF
Switching Frequency
50
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+85
ºC
Operating Temperature Range
Case
-40
+95
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.25 x 0.80 x 0.40 Inches (31.8 x 20.3 x 10.2 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.42 Oz (12g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
7.0
VDC
12 VDC Input
-0.7
17.0
15 VDC Input
-0.7
21.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
º
C
Internal Power Dissipation
All Models
1,000
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - A101HI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A101HI MPD-A101HI Datasheet
202Kb / 2P
   Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
More results

Similar Description - A101HI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com