Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A112HI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A112HI
Description  A100HI SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A112HI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A112HI Datasheet HTML 1Page - MicroPower Direct, LLC A112HI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Load
Regulation
(%, Max))
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
A101HI
5
4.5 - 5.5
400
50
30
5.0
300
0.0
±10
75
1,000
A102HI
5
4.5 - 5.5
400
50
30
12.0
125
0.0
±8
75
1,000
A103HI
5
4.5 - 5.5
400
50
30
15.0
100
0.0
±6
75
1,000
A104HI
5
4.5 - 5.5
400
50
30
±5.0
±150
±0.0
±12
75
1,000
A105HI
5
4.5 - 5.5
400
50
30
±12.0
±63
±0.0
±8
75
1,000
A106HI
5
4.5 - 5.5
400
50
30
±15.0
±50
±0.0
±6
75
1,000
A111HI
12
10.8 - 13.2
167
30
25
5.0
300
0.0
±10
75
250
A112HI
12
10.8 - 13.2
167
30
25
12.0
125
0.0
±8
75
250
A113HI
12
10.8 - 13.2
167
30
25
15.0
100
0.0
±6
75
250
A114HI
12
10.8 - 13.2
167
30
25
±5.0
±150
±0.0
±12
75
250
A115HI
12
10.8 - 13.2
167
30
25
±12.0
±63
±0.0
±8
75
250
A116HI
12
10.8 - 13.2
167
30
25
±15.0
±50
±0.0
±6
75
250
A121HI
15
13.5 - 16.5
133
30
20
5.0
300
0.0
±10
75
250
A122HI
15
13.5 - 16.5
133
30
20
12.0
125
0.0
±8
75
250
A123HI
15
13.5 - 16.5
133
30
20
15.0
100
0.0
±6
75
250
A124HI
15
13.5 - 16.5
133
30
20
±5.0
±150
±0.0
±12
75
250
A125HI
15
13.5 - 16.5
133
30
20
±12.0
±63
±0.0
±8
75
250
A126HI
15
13.5 - 16.5
132
30
20
±15.0
±50
±0.0
±6
75
250
Pin
Single
Dual
1, 2
+Vin
+Vin
11, 12
+Vout
+Vout
13, 14
-Vout
Common
15
No Pin
-Vout
23, 24
-Vin
-Vin
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 0.33 µF ceramic
capacitor be placed from the +Vout pin to the -Vout pin for single output units and from
each output to common for dual output units. For noise sensitive applications, the use of
1.5 µF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of 50%
to 100%.
3. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do
this, connect the load across the positive (+Vout) and negative (-Vout) outputs and float
the output common.
4. The converter should be connected to a low ac-impedance source. An
input source with a highly inductive impedance may affect the stability of
the converter. In applications where the converter output loading is high
and input power is supplied over long lines, it may be necessary to use a
capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
 at 100 kHz)
capacitor be mounted close to the converter. For 5V input units a 2.2 µF
is recommended, a 1.0 µF for 12V units and a 0.47 µF for 24V units.
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the table above for the correct rating.
Pin Connections
Capacitive Load
Single Output
(µF Max)
Dual Output
(µF Max)
470
±220
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Derating Curve


Similar Part No. - A112HI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A112HI MPD-A112HI Datasheet
202Kb / 2P
   Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
More results

Similar Description - A112HI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com