Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1048F Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # AD1048F
Description  AD1048FS Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

AD1048F Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  AD1048F_14 Datasheet HTML 1Page - MicroPower Direct, LLC AD1048F_14 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AD1048FS Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
100
240
VAC
127
370
VDC
Input Frequency
47
63
Hz
Inrush Current, Cold Start
110 VAC
22
A
220 VAC
44
A
Leakage Current
264 VAC
1.0
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
%
Output Voltage Adjustment Range
±10.0
%
Line Regulation
Vin = Min to Max
±1.0
%
Load Regulation, See Note 1
Iout = 20% to 100%
±1.0
%
Hold Time
110 VAC, Full Load
10
mSec
220 VAC, Full Load
20
Ripple & Noise, See Note 2
See Model Selection Guide
Output Power Protection
Power Limit
130
160
%
Transient Recovery Time, See Note 3
50% Load Change
2mS
Transient Response Deviation
5
%
Temperature Coefficient
±0.04
±0.05
%/ºC
Output Short Circuit
Continuous With Autorecovery
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input - Output
3,000
VAC
Input - FG (Frame Ground)
2,000
Output - FG (Frame Ground)
500
Isolation Resistance (Note 4)
500 VDC
100
M
Switching Frequency
Fixed
66
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-20
+25
+50
ºC
Storage Temperature Range
-20
+85
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Vibration
10 Hz ~ 2 kHz; 2G 10 min./1 Cycle; X, Y, Z axis each 1 hour
Physical
Case Size
3.54 x 2.54 x 1.77 Inches (90.0 x 64.5 x 45.0 mm)
Case Material
Plastic
Connection
Screw Terminal
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
170
kHours
Safety Standards
UL 1950, EN 60950, IEC 60950
EMI Compliance
Compliance to EN55011, EN55022 (CISPR22) Class B
EMS Immunity Compliance
EN6100-4-2,3,4,5,6,8,11 Level 3
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
36W - 48W Output Power
DIN Rail Mountable
Universal AC Input
UL 508 Compliant
EN60950 Compliant
12, 15, 24 & 48 VDC Outputs
Cond./Rad. EMI Class B
>170 kH MTBF
LOW COST!
Low Cost, 36 - 48W
DIN Rail Mount
Single Output
AC/DC Power Supplies
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - AD1048F_14

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
AD1048FS MPD-AD1048FS Datasheet
313Kb / 2P
   Very Low Cost, 36 - 48W DIN Rail Mount Single Output AC/DC Power Supplies
More results

Similar Description - AD1048F_14

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com