Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD102412F Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # AD102412F
Description  AD1024F Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

AD102412F Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  AD102412F Datasheet HTML 1Page - MicroPower Direct, LLC AD102412F Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
Model Selection Guide
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Model
Number
Rated
Power
(W)
Input
Output
Output
Ripple &
Noise
(mV P-P)
Overvoltage
Protection
(VDC)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(A)
Voltage (VAC)
Current (A)
Voltage
(VDC)
Current (A)
Max)
Current (A)
Range
Universal Range 115 VAC
230 VAC
AD1020-05F
20
100 - 240
1.0
0.5
5
4.0
0 ~ 4.0
50
7.0
78
2.0
AD1024-12F
24
100 - 240
1.0
0.5
12
2.0
0 ~ 2.0
100
20.0
80
2.0
AD1024-24F
24
100 - 240
1.0
0.5
24
1.0
0 ~ 1.0
150
40.0
83
2.0
AD1024-48F
24
100 - 240
1.0
0.5
48
0.5
0 ~ 0.5
250
60.0
83
2.0
Notes:
1. Load regulation is specified for a load change of 20% to
100%.
2. Ripple & noise is measured using equipment with 20 Mhz of
bandwidth with the unit under test operating at rated load
and a 110 VAC input. Connection to the unit is made with
a 0.1 µF / 630V metalized capacitor & a 47 µF electrolytic
capacitor connected in parallel.
3. Transient recovery is measured to within a 1% error band
for a load step change of 50% to 100%.
4. Isolation resistance is given for Input/Output and Input/FG.
For Output/FG., it is 50 M
5. Overload protection is power limiting. The unit recovers
automatically when the fault is removed.
6. Over voltage protection is a shut down type. The unit recov-
ers automatically when the fault is removed.
7. To mount the unit to the DIN rail, tilt the unit rearwards from
the top, fitting the mount over the top of the rail. Press back
on the bottom front of the unit until it locks in place on the
rail. To remove the unit from the rail, pull the removal clip at
the bottom rear of the unit downward with a screw driver.
With the clip down, lift up on the unit from the bottom front
until it clears the rail. Before installation or removal all wiring
should be disconnected and the main power to the system
shut off.
8. When wiring the supply, all lines should be as thick and
short as possible. AWG 14 wire is recommended for the
AD1024F series.
9. The units should be mounted so they are vertically orien-
tated. Air flow (if it is provided) would optimally flow from
the bottom to the top of the unit.
10. It is recommended that a fuse be used on the input of a
power supply for protection. For the AD1024F series,
a 250 VAC 2.0A is recommended.
Connections TB 1
Pin
Function
1
DC Output (+V)
2
DC Output (-V)
3
Frame Ground (FG)
4
AC/Neutral
5
AC/Live
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - AD102412F

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
AD1024-12F MPD-AD1024-12F Datasheet
292Kb / 2P
   Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
AD1024-24F MPD-AD1024-24F Datasheet
292Kb / 2P
   Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
AD1024-48F MPD-AD1024-48F Datasheet
292Kb / 2P
   Very Low Cost, 20W DIN Rail Mount Single Output AC/DC Power Supplies
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10242 AD-AD10242 Datasheet
448Kb / 16P
   MCM A/D Converter
More results

Similar Description - AD102412F

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com