Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2654 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS2654
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2654 Datasheet(HTML) 3 Page - California Eastern Labs

  PS2654 Datasheet HTML 1Page - California Eastern Labs PS2654 Datasheet HTML 2Page - California Eastern Labs PS2654 Datasheet HTML 3Page - California Eastern Labs PS2654 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
DIODE POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Ambient Temperature, TA (
°C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Forward Voltage, VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Collector Saturation Voltage, VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Collector to Emitter Voltage, VCE (V)
Ambient Temperature, TA (
°C)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
200
150
100
50
0
25
50
75
100
200
150
100
50
0
25
50
75
100
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
TA = 100 ˚C
75 ˚C
50 ˚C
25 ˚C
0 ˚C
-25 ˚C
-55 ˚C
100
10
1
0.1
0.01
0.6
0.8
1.0
1.2
1.4
1.6
5 mA
2 mA
1 mA
IF = 0.5 mA
120
100
80
60
40
0
24
140
20
68
10
50000
10000
1000
100
10
1
-60
-40
-20
0
20
40
60
80
100
40 V
24 V
10 V
5 V
VCE = 2 V
1000
100
10
1
0.1
0.4
0.6
0.8
1
1.2
1.4
1.6
10 mA
5 mA
1 mA
0.5 mA
0.2 mA
IF = 0.1 mA
PS2653, PS2653L2, PS2654, PS2654L2


Similar Part No. - PS2654

ManufacturerPart #DatasheetDescription
logo
NEC
PS2654 NEC-PS2654 Datasheet
223Kb / 38P
   Optocoupler Applications
logo
California Eastern Labs
PS2654 CEL-PS2654 Datasheet
120Kb / 3P
   Safety Standard Certificate for Photocoupler
logo
NEC
PS2654L2 NEC-PS2654L2 Datasheet
223Kb / 38P
   Optocoupler Applications
More results

Similar Description - PS2654

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2651 CEL-PS2651 Datasheet
128Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
logo
NEC
PS2651 NEC-PS2651 Datasheet
124Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
398Kb / 11P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
NEC
PS2581L1 NEC-PS2581L1 Datasheet
108Kb / 12P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581-1 CEL-PS2581-1 Datasheet
270Kb / 14P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2581AL1 ETC1-PS2581AL1 Datasheet
361Kb / 11P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2601 CEL-PS2601 Datasheet
124Kb / 4P
   HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com