Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2621 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS2621
Description  HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2621 Datasheet(HTML) 3 Page - California Eastern Labs

  PS2621 Datasheet HTML 1Page - California Eastern Labs PS2621 Datasheet HTML 2Page - California Eastern Labs PS2621 Datasheet HTML 3Page - California Eastern Labs PS2621 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Ambient Temperature, TA (
°C)
80 V
40 V
24 V
10 V
VCE = 5 V
10000
1000
100
10
1
0.1
-60
-40
-20
0
20
40
60
80
100
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Collector Saturation Voltage, VCE(sat) (V)
50 mA
IF = 1 mA
2 mA
20 mA
10 mA
5 mA
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1
NORMALIZED OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature,TA (
°C)
Normalized to 1.0
at TA = 25 ˚C
IF = 100 mA, VCE = 3 V
1.2
-50
-25
0
25
50
1.0
0.8
0.6
0.4
0.2
75
100
0
1.4
VCE = 3 V
250
200
150
100
50
0
0.1
0.5
1
5
10
50 100
Sample A
B
C
Forward Current, IF (mA)
CURRENT TRANSFER RATIO (CTR)
vs. FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
Load Resistance, RL (
Ω)
VCE = 3 V
IC = 2 mA
ton
toff
tf
tr
100
50
10
5
1
50
100
500
1 k
2 k
FREQUENCY RESPONSE
Frequency, f (kHz)
330
µF
1 k
50
IC = 2 mA
RL
VCC = 5 V
0
-3
-6
-9
-12
100
1 k
10 k
100 k
RL = 100
500
PS2621, PS2622, PS2621L, PS2622L


Similar Part No. - PS2621

ManufacturerPart #DatasheetDescription
logo
NEC
PS2621 NEC-PS2621 Datasheet
223Kb / 38P
   Optocoupler Applications
logo
California Eastern Labs
PS2621 CEL-PS2621 Datasheet
120Kb / 3P
   Safety Standard Certificate for Photocoupler
logo
NEC
PS2621L NEC-PS2621L Datasheet
223Kb / 38P
   Optocoupler Applications
More results

Similar Description - PS2621

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761-1 RENESAS-PS2761-1 Datasheet
261Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS2761-1 CEL-PS2761-1 Datasheet
346Kb / 9P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
PS2861-1 CEL-PS2861-1 Datasheet
352Kb / 9P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2861-1 RENESAS-PS2861-1 Datasheet
239Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS2765-1 CEL-PS2765-1 Datasheet
86Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S2752Q RENESAS-RV1S2752Q Datasheet
274Kb / 12P
   AUTOMOTIVE HIGH ISOLATION VOLTAGE, 4-PIN SOP (SO4) PHOTOCOUPLER
Rev.2.00 Mar 09, 2023
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com