Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2608L Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2608L
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2608L Datasheet(HTML) 4 Page - California Eastern Labs

  PS2608L Datasheet HTML 1Page - California Eastern Labs PS2608L Datasheet HTML 2Page - California Eastern Labs PS2608L Datasheet HTML 3Page - California Eastern Labs PS2608L Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PS2607, PS2608, PS2607L, PS2608L
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
Time (HR)
CTR DEGRADATION
Frequency, f (kHz)
FREQUENCY RESPONSE
Load Resistance, RL (
Ω)
SWITCHING TIME
vs. LOAD RESISTANCE
CURRENT TRANSFER RATIO (CTR)
vs. FORWARD CURRENT
Forward Current, IF (mA
)
NORMALIZED OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector to Emitter Voltage, VCE (V)
Normalized to 1.0
at TA = 25 ˚C
IF = 1 mA, VCE = 2 V
1.2
1.0
0.8
0.6
0.4
0.2
0
-55
-25
0
25
50
75
100
5000
4000
3000
2000
1000
0
0.05 0.1
1
10
550
VCE = 2 V
Sample A
B
C
D
VCC = 10 V
IC = 2 mA
ton
toff
tf
tr
2000
1000
500
100
50
10
50
100
500
1 k
2 k
IF = 1 mA
VCE = 2 V
TA = 25 ˚C
RL = 100
0
-5
-10
-15
-20
0.2
0.5
1
2
5
10
20
50
100 200
CTR Test condition
IF = 1 mA
0.8
0.6
0.4
0.2
0
10
102
1.2
1.0
103
104
105
106
TA = 25 ˚C
TA = 60 ˚C
5 mA
2 mA
1 mA
IF = 0.5 mA
120
100
80
60
40
0
24
140
20
68
10
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -3/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - PS2608L

ManufacturerPart #DatasheetDescription
logo
NEC
PS2608L NEC-PS2608L Datasheet
223Kb / 38P
   Optocoupler Applications
More results

Similar Description - PS2608L

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2605 CEL-PS2605 Datasheet
131Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 6 PIN OPTOCOUPLER
logo
NEC
PS2603 NEC-PS2603 Datasheet
119Kb / 4P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
California Eastern Labs
PS2603 CEL-PS2603 Datasheet
123Kb / 4P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
PS2625 CEL-PS2625 Datasheet
129Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN OPTOCOUPLER
logo
NEC
PS2806 NEC-PS2806 Datasheet
105Kb / 9P
   HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
PS2633 NEC-PS2633 Datasheet
125Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
logo
California Eastern Labs
PS2601 CEL-PS2601 Datasheet
124Kb / 4P
   HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1 Datasheet
279Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE
Nov 4, 2022
logo
NEC
PS2625 NEC-PS2625 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
PS2651 NEC-PS2651 Datasheet
124Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com