Selected language     English  ▼


I1000RU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part No. I1000RU
Description  I1000RU SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPD [MicroPower Direct, LLC]
Homepage  http://www.micropowerdirect.com
Logo 

   
 1 page
background image
Key Features:
10W Output Power
4:1 Input Range
Ultra- Miniature Case
Remote On/Off Control
1,500 VDC Isolation
>350 kHour MTBF
Standard Pin-Out
I1000RU
Ultra-Miniature 10W
Wide 4:1 Input Range
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
9.0
24.0
36.0
VDC
48 VDC Input
18.0
48.0
75.0
Start-Up Voltage
24 VDC Input
9.0
VDC
48 VDC Input
18.0
Under Voltage Shutdown
24 VDC Input
8.5
VDC
48 VDC Input
17.0
Input Filter
(Pi) Filter, Meets EN55022 Class A
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±2.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±1.0
±2.0
%
Line Regulation
Vin = Min to Max
±0.3
±1.0
%
Load Regulation
Iout = 15% to 100%
±0.5
±1.2
%
Ripple & Noise (20 MHz), See Note 1
60
100
mV P - P
Over Line, Load & Temperature
150
Transient Recovery Time, See Note 2
25% Load Step Change
300
600
µSec
Transient Response Deviation
±3.0
±6.0
%
Output Power Protection
110
150
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
1,500
pF
Switching Frequency
450
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+80
ºC
Operating Temperature Range
Case
+100
ºC
Storage Temperature Range
-50
+125
ºC
Cooling
Free Air Convection
Derating
See Curve
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.00 x 1.00 x 0.40 Inches (25.4 x 25.4 x 10.16 mm)
Case Material
Six-Sided Shielded Aluminum With Non-Conductive Base (UL94-V0)
Weight
0.52 Oz (15g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
350
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl