Electronic Components Datasheet Search
Selected language     English  ▼


I1001RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part No. I1001RU
Description  I1000RU SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPD [MicroPower Direct, LLC]
Homepage  http://www.micropowerdirect.com
Logo 

   
 2 page
background image
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
I1001RU
24
9.0 - 36.0
352
30
3.3
2,200
330
86
560
1,000
I1002RU
24
9.0 - 36.0
496
30
5.0
2,000
300
84
560
1,000
I1003RU
24
9.0 - 36.0
483
30
12.0
830
125
86
150
1,000
I1004RU
24
9.0 - 36.0
474
30
15.0
660
100
87
150
1,000
I1005RU
24
9.0 - 36.0
496
30
±5.0
±1,000
±150
84
±220
1,000
I1006RU
24
9.0 - 36.0
477
30
±12.0
±410
±61
86
±100
1,000
I1007RU
24
9.0 - 36.0
474
30
±15.0
±330
±50
87
±100
1,000
I1011RU
48
18.0 - 75.0
180
20
3.3
2,200
330
85
560
500
I1012RU
48
18.0 - 75.0
248
20
5.0
2,000
300
84
560
500
I1013RU
48
18.0 - 75.0
241
20
12.0
830
125
86
150
500
I1014RU
48
18.0 - 75.0
237
20
15.0
660
100
87
150
500
I1015RU
48
18.0 - 75.0
248
20
±5.0
±1,000
±150
84
±220
500
I1016RU
48
18.0 - 75.0
238
20
±12.0
±410
±61
86
±100
500
I1017RU
48
18.0 - 75.0
237
20
±15.0
±330
±50
87
±100
500
Derating Curve - Without HeatSink
Notes:
1. Output ripple is measured with a 0.47 µF ceramic capcitor connected across the outputs.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. Operation at no-load will not damage the unit, but they may not
meet all specifications.
4. The On/Off Control input (Pin 3) is referenced to -Vin (Pin 2). If it is
not used, the control pin should be left open. If the pin is shorted to
-VIN, the unit will turn off.
6. It is recommended that a fuse be used on the input of a power
supply for
protection. See the Model Selection table above for the correct rating.
www.micropowerdirect.com
Derating Curve - With HeatSink
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
4
+Vout
+Vout
2
-Vin
-Vin
5
No Pin
Common
3
Remote ON/OFF
6
-Vout
-Vout
Pin Connections
Model Selection Guide
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Min
Max
On
2.5 VDC
50 VDC
Off
0.0 VDC
1.0 VDC
In. Current (on)
0.5 mA
In. Current (off)
-0.5 mA
Mechanical Dimensions - With HeatSink




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl