Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G117EI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # G117EI
Description  G100EI SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

G117EI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  G117EI Datasheet HTML 1Page - MicroPower Direct, LLC G117EI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
G101EI
5
4.5 - 5.5
286
30
5.0
200.0
20.0
15
70
500
G102EI
5
4.5 - 5.5
267
30
9.0
111.0
12.0
15
75
500
G103EI
5
4.5 - 5.5
256
30
12.0
83.0
9.0
15
78
500
G104EI
5
4.5 - 5.5
250
30
15.0
67.0
7.0
15
80
500
G105EI
5
4.5 - 5.5
278
30
±5.0
±100.0
±10.0
15
72
500
G106EI
5
4.5 - 5.5
267
30
±9.0
±56.0
±6.0
15
75
500
G107EI
5
4.5 - 5.5
256
30
±12.0
±42.0
±5.0
15
78
500
G108EI
5
4.5 - 5.5
253
30
±15.0
±33.0
±4.0
15
79
500
G111EI
12
10.8 - 13.2
115
15
5.0
200.0
20.0
15
72
200
G112EI
12
10.8 - 13.2
110
15
9.0
111.0
12.0
15
76
200
G113EI
12
10.8 - 13.2
105
15
12.0
83.0
9.0
15
79
200
G114EI
12
10.8 - 13.2
103
15
15.0
67.0
7.0
15
81
200
G115EI
12
10.8 - 13.2
113
15
±5.0
±100.0
±10.0
15
74
200
G116EI
12
10.8 - 13.2
110
15
±9.0
±56.0
±6.0
15
76
200
G117EI
12
10.8 - 13.2
105
15
±12.0
±42.0
±5.0
15
79
200
G118EI
12
10.8 - 13.2
104
15
±15.0
±33.0
±4.0
15
80
200
G121EI
24
21.6 - 26.4
57
8
5.0
200.0
20.0
15
73
100
G122EI
24
21.6 - 26.4
54
8
9.0
111.0
12.0
15
77
100
G123EI
24
21.6 - 26.4
52
8
12.0
83.0
9.0
15
80
100
G124EI
24
21.6 - 26.4
51
8
15.0
67.0
7.0
15
82
100
G125EI
24
21.6 - 26.4
56
8
±5.0
±100.0
±10.0
15
74
100
G126EI
24
21.6 - 26.4
55
8
±9.0
±56.0
±6.0
15
76
100
G127EI
24
21.6 - 26.4
52
8
±12.0
±42.0
±5.0
15
80
100
G128EI
24
21.6 - 26.4
51
8
±15.0
±33.0
±4.0
15
81
100
Derating Curve
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the side of the unit
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load.
Operation at no-load may cause damage to the unit.
3. These converters will operate without external components. However,
when measuring output ripple, it is recommended that an external ceramic
capacitor be placed
from the +Vout pin to
the -Vout pin for single
output units and from
each output to common
for dual output units.
An input capacitor will
enhance stability over
temperature and input line variations. Recommended capacitor values are
given in the table above. For applications requiring very low output noise
levels, a simple LC filter should be effective.
4. Dual output units may be connected to provide a 10V, 18V, 24V or 30 VDC
output. To do this, connect the load across the positive (+Vout) and negative
(-Vout) outputs and float the output common
5. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output Capacitor
Single
Dual
5 VDC
4.7 μF
5 VDC
10.0 μF
4.7 μF
12 VDC
2.2 μF
9 VDC
4.7 μF
2.2 μF
24 VDC
1.0 μF
12 VDC
2.2 μF
1.0 μF
15 VDC
1.0 μF
0.47 μF
Other input/output combinations are available
(i.e 3.3 VDC). Contact the factory for details at:
sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin
Single
Dual
Pin
Single
Dual
1
-Vin
-Vin
9
No Pin
Common
7
NC
NC
10
-Vout
-Vout
8
+Vout +Vout
14
+Vin
+Vin
NC= No Connection
Pin Connections
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - G117EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G117EI MPD-G117EI Datasheet
180Kb / 2P
   Low Cost, 1W MiniDIP High Isolation DC/DC Converters
More results

Similar Description - G117EI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com