Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA148D12RU Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MA148D12RU
Description  MA100RU SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA148D12RU Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MA148D12RU Datasheet HTML 1Page - MicroPower Direct, LLC MA148D12RU Datasheet HTML 2Page - MicroPower Direct, LLC MA148D12RU Datasheet HTML 3Page - MicroPower Direct, LLC MA148D12RU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.micropowerdirect.com
Typical Connection
Typical Board Layout: With External Filter Components, Single Output
The diagram above illustrates a typical connection of the MA100RU
series for applications that require meeting conducted EMC standards.
The units do not require external components to operate as specified.
For applications requiring very low output noise levels, the output
filtering capacitors (C3 is a low ESR electrolytic & C4 is a ceramic) will
often be sufficient. Care must be taken in choosing output capacitors
not to exceed the capacitive load specification for the unit. For dual
output units, output capacitors should be connected from each output
to common. All external components should be mounted as close to
the unit as possible.
Input noise and surge suppression modules are available for a number
of MPD DC/DC power supplies. Contact the factory for more information.
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
Typical Board Layout: With External Filter Components, Dual Output
The recommended values for components are:
Component
24 VIN
48 VIN
C1
220 µF/100V
220 µF/100V
LCM
12 µH
12 µH
C2
470 pF/4kV MLCC 470 pF/4kV MLCC
C3
100 µF
100 µF
C4
4.7 - 10 µF
4.7 - 10 µF


Similar Part No. - MA148D12RU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA148D12RUI MPD-MA148D12RUI Datasheet
1Mb / 4P
   MA100RUI SERIES
More results

Similar Description - MA148D12RU

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com