Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28WC129JA-3TE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT28WC129JA-3TE13
Description  128K-Bit I2C Serial CMOS E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28WC129JA-3TE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

  CAT28WC129JA-3TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT28WC129JA-3TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT28WC129JA-3TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT28WC129JA-3TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT28WC129JA-3TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT28WC129JA-3TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT28WC129JA-3TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT28WC129JA-3TE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary
CAT24WC129
6
Doc. No. 25065-00 6/99 S-1
acknowledge, and internally increment the six low order
address bits by one. The high order bits remain un-
changed.
If the Master transmits more than 64 bytes before sending
the STOP condition, the address counter ‘wraps around’,
and previously transmitted data will be overwritten.
When all 64 bytes are received, and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point, all received data is written to
the CAT24WC129 in a single write cycle.
Acknowledge Polling
Disabling of the inputs can be used to take advantage of
the typical write cycle time. Once the stop condition is
issued to indicate the end of the host's write operation,
CAT24WC129 initiates the internal write cycle. ACK
polling can be initiated immediately. This involves issu-
ing the start condition followed by the slave address for
a write operation. If CAT24WC129 is still busy with the
write operation, no ACK will be returned. If
CAT24WC129 has completed the write operation, an
ACK will be returned and the host can then proceed with
the next read or write operation.
WRITE PROTECTION
The Write Protection feature allows the user to protect
against inadvertent programming of the memory array.
If the WP pin is tied to VCC, the top 1/4 array of memory
(locations 3000H to 3FFFH) is protected and becomes
read only. The CAT24WC129 will accept both slave and
byte addresses, but the memory location accessed is
protected from programming by the device’s failure to
send an acknowledge after the first byte of data is
received.
READ OPERATIONS
The READ operation for the CAT24WC129 is initiated in
the same manner as the write operation with one excep-
tion, that R/
W bit is set to one. Three different READ
operations are possible: Immediate/Current Address
READ, Selective/Random READ and Sequential READ.
Immediate/Current Address Read
The CAT24WC129’s address counter contains the ad-
dress of the last byte accessed, incremented by one. In
other words, if the last READ or WRITE access was to
address N, the READ immediately following would ac-
cess data from address N+1. If N=E (where E=16383),
then the counter will ‘wrap around’ to address 0 and
continue to clock out data. After the CAT24WC129
receives its slave address information (with the R/
W bit
set to one), it issues an acknowledge, then transmits the
8 bit byte requested. The master device does not send
an acknowledge, but will generate a STOP condition.
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a
READ operation. The Master device first performs a
24WC129 F09
Figure 7. Page Write Timing
Figure 6. Byte Write Timing
24WC129 F08
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
A
C
K
*
*
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
DATA n+63
DATA
A
C
K
S
T
O
P
A
C
K
DATA n
A
C
K
P
A
C
K
*
*
*=Don't Care Bit
*=Don't Care Bit


Similar Part No. - CAT28WC129JA-3TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C010 CATALYST-CAT28C010 Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
CAT28C010HN-12T CATALYST-CAT28C010HN-12T Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
CAT28C010HN-15T CATALYST-CAT28C010HN-15T Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
CAT28C010HNA-12T CATALYST-CAT28C010HNA-12T Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
CAT28C010HNA-15T CATALYST-CAT28C010HNA-15T Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28WC129JA-3TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
24AA128 MICROCHIP-24AA128_09 Datasheet
618Kb / 32P
   128K I2C??CMOS Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com