Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA248D09RUI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA248D09RUI
Description  MA200RUI SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA248D09RUI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA248D09RUI Datasheet HTML 1Page - MicroPower Direct, LLC MA248D09RUI Datasheet HTML 2Page - MicroPower Direct, LLC MA248D09RUI Datasheet HTML 3Page - MicroPower Direct, LLC MA248D09RUI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with the output being tested at 100% load while
the other output is varied from 25% to 100% load.
2. See the typical connection circuit on page three for typical external filtering components.
For help with a specific model or layout issue, contact the factory.
3. Isolation voltage is specified for Input to output. On units with the optional metal case,
the isolation voltage for Input - Case and Output - Case is 1,000 VDC.
4. Operation at no-load will not damage the unit, but they may not meet all specifications.
To meet all specifications, a minimum load of 33% should be maintained.
5. It is recommended that a fuse be used on the input of a power supply for protection.
See the Model Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA224S-05RUI-xx
24
9.0 - 36.0
119.0
20
5.0
400.0
133.3
70
35.0
2,200
250
MA224S-09RUI-xx
24
9.0 - 36.0
115.0
20
9.0
222.0
74.0
72
35.0
470
250
MA224S-12RUI-xx
24
9.0 - 36.0
112.0
20
12.0
167.0
55.7
74
35.0
470
250
MA224S-15RUI-xx
24
9.0 - 36.0
112.0
20
15.0
133.0
44.3
74
35.0
470
250
MA224S-24RUI-xx
24
9.0 - 36.0
114.0
30
24.0
83.0
27.7
73
35.0
220
250
MA224D-05RUI-xx
24
9.0 - 36.0
122.0
20
±5.0
±200.0
±66.7
68
35.0
±1,000
250
MA224D-09RUI-xx
24
9.0 - 36.0
119.0
20
±9.0
±111.0
±37.0
70
35.0
±220
250
MA224D-12RUI-xx
24
9.0 - 36.0
115.0
20
±12.0
±83.0
±27.7
72
35.0
±220
250
MA224D-15RUI-xx
24
9.0 - 36.0
115.0
20
±15.0
±67.0
±22.3
72
35.0
±220
250
MA224D-24RUI-xx
24
9.0 - 36.0
117.0
30
±24.0
±42.0
±14.0
71
35.0
±100
250
MA248S-05RUI-xx
48
18.0 - 72.0
57.0
10
5.0
400.0
133.3
73
35.0
2,200
125
MA248S-09RUI-xx
48
18.0 - 72.0
55.0
10
9.0
222.0
74.0
75
35.0
470
125
MA248S-12RUI-xx
48
18.0 - 72.0
54.0
10
12.0
167.0
55.7
77
35.0
470
125
MA248S-15RUI-xx
48
18.0 - 72.0
54.0
10
15.0
133.0
44.3
77
35.0
470
125
MA248S-24RUI-xx
48
18.0 - 72.0
55.0
10
24.0
83.0
27.7
75
35.0
220
125
MA248D-05RUI-xx
48
18.0 - 72.0
58.0
10
±5.0
±200.0
±66.7
71
35.0
±1,000
125
MA248D-09RUI-xx
48
18.0 - 72.0
57.0
10
±9.0
±111.0
±37.0
73
35.0
±220
1
MA248D-12RUI-xx
48
18.0 - 72.0
55.0
10
±12.0
±83.0
±27.7
75
35.0
±220
125
MA248D-15RUI-xx
48
18.0 - 72.0
55.0
10
±15.0
±67.0
±22.3
75
35.0
±220
125
MA248D-24RUI-xx
48
18.0 - 72.0
57.0
10
±24.0
±42.0
±14.0
73
35.0
±100
125
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
Model Number
For the alternate pin-out (see page 4) , add suffix “P2” to model number
(i.e. MA224S-05RUI-P2)
Series
Power
Input Range
Isolation
MA100X-xxRW
1W
2:1
1.5 kVDC
MA100X-xxRWI
1W
2:1
3.5 kVDC
MA100X-xxRU
1W
4:1
1.5 kVDC
MA100X-xxRUI
1W
4:1
3.5 kVDC
MA200X-xxRW
2W
2:1
1.5 kVDC
MA200X-xxRWI
2W
2:1
3.5 kVDC
MA200X-xxRU
2W
4:1
1.5 kVDC
MA200X-xxRUI
2W
4:1
3.5 kVDC
MA300X-xxRW
3W
2:1
1.5 kVDC
MA300X-xxRWI
3W
2:1
3.0 kVDC
MA300X-xxRU
3W
4:1
1.5 kVDC
MA300X-xxRUI
3W
4:1
3.0 kVDC
MA400X-xxRW
4W
2:1
1.5 kVDC
MA400X-xxRWI
4W
2:1
3.5 kVDC
MA400X-xxRU
4W
4:1
1.5 kVDC
MA400X-xxRUI
4W
4:1
3.5 kVDC
MA500X-xxRW
5W
2:1
1.5 kVDC
MA500X-xxRWI
5W
2:1
3.5 kVDC
MA500X-xxRU
5W
4:1
1.5 kVDC
MA500X-xxRUI
5W
4:1
3.5 kVDC
MA600X-xxRW
6W
2:1
1.5 kVDC
MA600X-xxRWI
6W
2:1
3.0 kVDC
MA600X-xxRU
6W
4:1
1.5 kVDC
MA600X-xxRUI
6W
4:1
3.0 kVDC
NEW DIP DC/DC Converter
Visit our website or contact the factory for more information.
Families From MPD


Similar Part No. - MA248D09RUI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA248D09RU MPD-MA248D09RU Datasheet
1Mb / 4P
   MA200RU SERIES
More results

Similar Description - MA248D09RUI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com