Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28WC129JI-TE13 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT28WC129JI-TE13
Description  128K-Bit I2C Serial CMOS E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28WC129JI-TE13 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT28WC129JI-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT28WC129JI-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT28WC129JI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT28WC129JI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT28WC129JI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT28WC129JI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT28WC129JI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT28WC129JI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
CAT24WC129
2
Doc. No. 25065-00 6/99 S-1
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
–55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Reference Test Method
NEND(3)
Endurance
100,000
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-up
100
mA
JEDEC Standard 17
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (SCL, WP)
6
pF
VIN = 0V
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) Standby current (ISB ) = 0 µA (<900 nA).
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC1
Power Supply Current - Read
1
mA
fSCL = 100 KHz
VCC=5V
ICC2
Power Supply Current - Write
3mA
fSCL = 100 KHz
VCC=5V
ISB(5)
Standby Current
0
µAVIN = GND or VCC
VCC=5V
ILI
Input Leakage Current
3
µAVIN = GND to VCC
ILO
Output Leakage Current
3
µAVOUT = GND to VCC
VIL
Input Low Voltage
–1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage (VCC = +3.0V)
0.4
V
IOL = 3.0 mA
VOL2
Output Low Voltage (VCC = +1.8V)
0.5
V
IOL = 1.5 mA
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.


Similar Part No. - CAT28WC129JI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C010 CATALYST-CAT28C010 Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
CAT28C010HN-12T CATALYST-CAT28C010HN-12T Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
CAT28C010HN-15T CATALYST-CAT28C010HN-15T Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
CAT28C010HNA-12T CATALYST-CAT28C010HNA-12T Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
CAT28C010HNA-15T CATALYST-CAT28C010HNA-15T Datasheet
116Kb / 10P
   1024K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28WC129JI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
24AA128 MICROCHIP-24AA128_09 Datasheet
618Kb / 32P
   128K I2C??CMOS Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com