Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA548S24RWI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA548S24RWI
Description  MA500RWI SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA548S24RWI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA548S24RWI Datasheet HTML 1Page - MicroPower Direct, LLC MA548S24RWI Datasheet HTML 2Page - MicroPower Direct, LLC MA548S24RWI Datasheet HTML 3Page - MicroPower Direct, LLC MA548S24RWI Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with the output being tested at 100% load while the other output
is varied from 25% to 100% load.
2. See the typical connection circuit on page three for typical external filtering components. For help with a
specific model or layout issue, contact the factory.
3. Isolation voltage is specified for Input to output. On units with the optional metal case, the isolation voltage
for Input - Case and Output - Case is 1,000 VDC.
4. Operation at no-load will not damage the unit,but they may not meet all specifications.To meet all specifica-
tions, a minimum load of 25% should be maintained.
5. It is recommended that a fuse be used on the input of a power supply for protection.See the Model Selection
table above for the correct rating.
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
Model Number
For the alternate pin-out (see page 4) , add suffix “P2” to model number
(i.e. MA524S-05RWI-P2)
Derating Curve
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA512S-05RWI-xx
12
9.0 - 18.0
563
20
5.0
1,000.0
250.0
74
35.0
2,200
1,000
MA512S-09RWI-xx
12
9.0 - 18.0
541
20
9.0
555.0
139.0
77
35.0
470
1,000
MA512S-12RWI-xx
12
9.0 - 18.0
534
20
12.0
417.0
104.0
78
35.0
470
1,000
MA512S-15RWI-xx
12
9.0 - 18.0
534
20
15.0
333.0
83.0
78
35.0
470
1,000
MA512S-24RWI-xx
12
9.0 - 18.0
556
20
24.0
208.0
52.0
75
35.0
220
1,000
MA512D-05RWI-xx
12
9.0 - 18.0
579
20
±5.0
±500.0
±125.0
72
35.0
±1,000
1,000
MA512D-09RWI-xx
12
9.0 - 18.0
548
20
±9.0
±278.0
±70.0
76
35.0
±220
1,000
MA512D-12RWI-xx
12
9.0 - 18.0
541
20
±12.0
±208.0
±52.0
77
35.0
±220
1,000
MA512D-15RWI-xx
12
9.0 - 18.0
541
20
±15.0
±167.0
±42.0
77
35.0
±220
1,000
MA512D-24RWI-xx
12
9.0 - 18.0
548
20
±24.0
±104.0
±26.0
76
35.0
±100
1,000
MA524S-05RWI-xx
24
18.0 - 36.0
278
12
5.0
1,000.0
250.0
75
35.0
2,200
500
MA524S-09RWI-xx
24
18.0 - 36.0
274
12
9.0
555.0
139.0
76
35.0
470
500
MA524S-12RWI-xx
24
18.0 - 36.0
271
12
12.0
417.0
104.0
77
35.0
470
500
MA524S-15RWI-xx
24
18.0 - 36.0
267
12
15.0
333.0
83.0
78
35.0
470
500
MA524S-24RWI-xx
24
18.0 - 36.0
274
12
24.0
208.0
52.0
76
35.0
220
500
MA524D-05RWI-xx
24
18.0 - 36.0
282
12
±5.0
±500.0
±125.0
74
35.0
±1,000
500
MA524D-09RWI-xx
24
18.0 - 36.0
274
12
±9.0
±278.0
±70.0
76
35.0
±220
500
MA524D-12RWI-xx
24
18.0 - 36.0
267
12
±12.0
±208.0
±52.0
78
35.0
±220
500
MA524D-15RWI-xx
24
18.0 - 36.0
267
12
±15.0
±167.0
±42.0
78
35.0
±220
500
MA524D-24RWI-xx
24
18.0 - 36.0
278
12
±24.0
±104.0
±26.0
75
35.0
±100
500
MA548S-05RWI-xx
48
36.0 - 72.0
135
8
5.0
1,000.0
250.0
77
35.0
2,200
250
MA548S-09RWI-xx
48
36.0 - 72.0
134
8
9.0
555.0
139.0
78
35.0
470
250
MA548S-12RWI-xx
48
36.0 - 72.0
130
8
12.0
417.0
104.0
80
35.0
470
250
MA548S-15RWI-xx
48
36.0 - 72.0
130
8
15.0
333.0
83.0
80
35.0
470
250
MA548S-24RWI-xx
48
36.0 - 72.0
135
8
24.0
208.0
52.0
77
35.0
220
250
MA548D-05RWI-xx
48
36.0 - 72.0
137
8
±5.0
±500.0
±125.0
76
35.0
±1,000
250
MA548D-09RWI-xx
48
36.0 - 72.0
134
8
±9.0
±278.0
±70.0
78
35.0
±220
250
MA548D-12RWI-xx
48
36.0 - 72.0
134
8
±12.0
±208.0
±52.0
78
35.0
±220
250
MA548D-15RWI-xx
48
36.0 - 72.0
130
8
±15.0
±167.0
±42.0
80
35.0
±220
250
MA548D-24RWI-xx
48
36.0 - 72.0
135
8
±24.0
±104.0
±26.0
77
35.0
±100
250


Similar Part No. - MA548S24RWI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA548S24RW MPD-MA548S24RW Datasheet
1Mb / 4P
   MA500RW SERIES
More results

Similar Description - MA548S24RWI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com