Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVD1352NPBF Datasheet(PDF) 4 Page - International Rectifier

Part # PVD1352NPBF
Description  HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVD1352NPBF Datasheet(HTML) 4 Page - International Rectifier

  PVD1352NPBF Datasheet HTML 1Page - International Rectifier PVD1352NPBF Datasheet HTML 2Page - International Rectifier PVD1352NPBF Datasheet HTML 3Page - International Rectifier PVD1352NPBF Datasheet HTML 4Page - International Rectifier PVD1352NPBF Datasheet HTML 5Page - International Rectifier PVD1352NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series PVD13NPbF
www.irf.com
4
Figure 5. Typical Normalized Off-State Leakage
Figure 6. Input Characteristics
(Current Controlled)
Figure 8. Delay Time Definitions
LED Forward Voltage Drop (Volts DC)
Ambient Temperature (°C)
Figure 7.Typical Delay Times
I LED (mA)
10
100
1000
0
5
10
15
20
Ton
Tdly
Toff


Similar Part No. - PVD1352NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVD1352N IRF-PVD1352N Datasheet
98Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVD1352NS IRF-PVD1352NS Datasheet
98Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
More results

Similar Description - PVD1352NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF Datasheet
1Mb / 5P
   Power MOSFET Photovoltaic Relay Single Pole, Normally Open
PVD13N IRF-PVD13N Datasheet
98Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVA13NPBF IRF-PVA13NPBF Datasheet
1,011Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-100V AC/DC, 375mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVT412PBF IRF-PVT412PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVU414PBF IRF-PVU414PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
PVT412APBF IRF-PVT412APBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 240mA AC / 360mA DC
PVT212PBF IRF-PVT212PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-150V, 550mA AC / 825mA DC
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com