Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA1048S15RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA1048S15RW
Description  MA1000RW SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA1048S15RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA1048S15RW Datasheet HTML 1Page - MicroPower Direct, LLC MA1048S15RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Derating Curve
Pin
Single
Dual
2-VIN
-VIN
3-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22
+VIN
+VIN
23
+VIN
+VIN
NC: No Connection
Pin Connections
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Max
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA1012S-02RW
12
9.0 - 18.0
791
10
2.5
3,000
0.0
3.9
2,200
81
2,500
MA1012S-03RW
12
9.0 - 18.0
1,006
10
3.3
3,000
0.0
3.9
2,200
84
2,500
MA1012S-05RW
12
9.0 - 18.0
992
10
5.0
2,000
0.0
6.2
2,200
86
2,500
MA1012S-12RW
12
9.0 - 18.0
980
10
12.0
833
0.0
15.0
820
87
2,500
MA1012S-15RW
12
9.0 - 18.0
958
10
15.0
667
0.0
18.0
470
89
2,500
MA1012D-12RW
12
9.0 - 18.0
980
10
±12.0
±416
±0.0
±15.0
±220
87
2,500
MA1012D-15RW
12
9.0 - 18.0
969
10
±15.0
±333
±0.0
±18.0
±150
88
2,500
MA1024S-02RW
24
9.0 - 18.0
381
10
2.5
3,000
0.0
3.9
2,200
84
1,200
MA1024S-03RW
24
9.0 - 18.0
497
10
3.3
3,000
0.0
3.9
2,200
85
1,200
MA1024S-05RW
24
18.0 - 36.0
479
10
5.0
2,000
0.0
6.2
2,200
89
1,200
MA1024S-12RW
24
18.0 - 36.0
485
10
12.0
833
0.0
15.0
820
88
1,200
MA1024S-15RW
24
18.0 - 36.0
485
10
15.0
667
0.0
18.0
470
88
1,200
MA1024D-12RW
24
18.0 - 36.0
485
10
±12.0
±416
±0.0
±15.0
±220
88
1,200
MA1024D-15RW
24
18.0 - 36.0
474
10
±15.0
±333
±0.0
±18.0
±150
90
1,200
MA1048S-02RW
48
9.0 - 18.0
191
10
2.5
3,000
0.0
3.9
2,200
84
750
MA1048S-03RW
48
36.0 - 75.0
249
10
3.3
3,000
0.0
3.9
2,200
85
750
MA1048S-05RW
48
36.0 - 75.0
242
10
5.0
2,000
0.0
6.2
2,200
88
750
MA1048S-12RW
48
36.0 - 75.0
245
10
12.0
833
0.0
15.0
820
87
750
MA1048S-15RW
48
36.0 - 75.0
242
10
15.0
667
0.0
18.0
470
88
750
MA1048D-12RW
48
36.0 - 75.0
245
10
±12.0
±416
±0.0
±15.0
±220
87
750
MA1048D-15RW
48
36.0 - 75.0
245
10
±15.0
±333
±0.0
±18.0
±150
87
750
Notes:
1. Load regulation is specified for a load change of 0% to 100%. Load regulation for 3.3V output models
is ±1.0% max for a load change of 0% to 100%.
2. When measuring cross regulation, the load on one output is varied from 25% to 100% while the other
output is held at 100%.
3. When measuring output ripple, it is recommended that an external 1.0 µF ceramic capacitor be placed
from the +VOUT pin to the -VOUT pin for single output units and from each output to common for dual
output units. For noise sensitive applications, the use of 3.3 µF capacitors will reduce the output ripple.
4. To help meet conducted emissions requirements, the Pi filter components (C1, & L1) in the diagram
below should be used. These components should be mounted as close to the module as possible.
To meet the requirements of EN 61000-4-4 and EN 61000-4-5, an external filter capacitor (C2 in the
diagram below) is required.
5. Operation at no-load will not damage these units. However, they may not meet all specifications.
6. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this, connect the
load across the positive (+VOUT) and negative (-VOUT) outputs and float the output common.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table
above for the correct rating.
Recommended Input Components


Similar Part No. - MA1048S15RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA1048S-03RU MPD-MA1048S-03RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
MA1048S-05RU MPD-MA1048S-05RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
MA1048S-12RU MPD-MA1048S-12RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
MA1048S-15RU MPD-MA1048S-15RU Datasheet
354Kb / 3P
   4:1 Input Range, 10W Single & Dual Output DC/DC Con vert ers
More results

Similar Description - MA1048S15RW

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com