Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBB501SCKA Datasheet(PDF) 9 Page - International Rectifier

Part # SBB501SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBB501SCKA Datasheet(HTML) 9 Page - International Rectifier

Back Button SBB501SCKA Datasheet HTML 3Page - International Rectifier SBB501SCKA Datasheet HTML 4Page - International Rectifier SBB501SCKA Datasheet HTML 5Page - International Rectifier SBB501SCKA Datasheet HTML 6Page - International Rectifier SBB501SCKA Datasheet HTML 7Page - International Rectifier SBB501SCKA Datasheet HTML 8Page - International Rectifier SBB501SCKA Datasheet HTML 9Page - International Rectifier SBB501SCKA Datasheet HTML 10Page - International Rectifier SBB501SCKA Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.irf.com
9
SBB SERIES
Single Output
Fig 4: Typical Efficiency @ 25°C - 1.5V Output (For Part Number SBB501R5S)
Typical Efficiency at 25 Degrees C, 1.5V Output
P/N SBB501R5S
50%
55%
60%
65%
70%
75%
80%
85%
0
123
456
789
10
11
12
13
14
15
Output Current, A
Vin = 4.5V
Vin = 5.0V
Vin = 5.5V
Fig 5:Typical Efficiency @ 25°C - 3.3V Output (For Part Number SBB503R3S)
Typical Efficiency at 25 Degrees C, 3.3V Output
SBB503R3S
70%
75%
80%
85%
90%
95%
01
2
3
45
6
7
8
9
10
Output Current, A
Vin = 4.5V
Vin = 5.0V
Vin = 5.5V


Similar Part No. - SBB501SCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SBB501S IRF-SBB501S Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID
More results

Similar Description - SBB501SCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID
ARH28XXS IRF-ARH28XXS Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ARH2800 IRF-ARH2800_15 Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART2800T IRF-ART2800T_15 Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com