Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2815D Datasheet(PDF) 6 Page - International Rectifier

Part # S2815D
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S2815D Datasheet(HTML) 6 Page - International Rectifier

  S2815D Datasheet HTML 1Page - International Rectifier S2815D Datasheet HTML 2Page - International Rectifier S2815D Datasheet HTML 3Page - International Rectifier S2815D Datasheet HTML 4Page - International Rectifier S2815D Datasheet HTML 5Page - International Rectifier S2815D Datasheet HTML 6Page - International Rectifier S2815D Datasheet HTML 7Page - International Rectifier S2815D Datasheet HTML 8Page - International Rectifier S2815D Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.irf.com
S-SERIES
(28V Input, Single/Dual Output)
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter
shall be guaranteed to the limits specified.
2.
Parameter verified during line and load regulation tests.
3.
Output load current must be distributed such that at least 20% of the total load current is being provided by
one of the outputs.
4.
Load currents split equally between outputs on dual output models. For dual output models, the output may
not meet regulation limits but the converter will not be damaged under this condition.
5.
Cross regulation is measured with 20% rated load on output under test while changing the load on the
other output from 20% to 80% of rated.
6.
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth.
7.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A
capacitive load in excess of the maximum limit may interfere with the proper operation of the converter’s
overload protection, causing erratic behavior during turn-on.
8.
Overload power dissipation is defined as the device power dissipation with the load set such that VOUT =
90% of nominal.
9.
Load step transition time
≥ 10 µs.
10. Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1% of
its steady state value.
11. Line step transition time
≥ 100 µs.
12. Turn-on delay time from either a step application of input power or a logic low to a logic high transition on
the inhibit pin (pin 4) to the point where VOUT = 90% of nominal.
13. Current limit point expressed as a percentage of full rated load current.
14. Total Regulation includes all combinations of line and load compared to the nominal output voltage. For dual
models all line, load, and cross regulation conditions are tested per Note 4 and Note 5.
Notes: Electrical Performance Characteristics
Radiation Performance Characteristics
International Rectifier currently does not have a DLA Land and Maritime certified Radiation Hardness
Assurance Program.
Test
Conditions
Min
Typ
Unit
MIL-PRF-883, Method 1019.5
Total Ionizing Dose (Gamma)
Operating bias applied during exposure,
Half Rated Load, VIN = 28V
100
Krads(Si)
Heavy Ions (LET)
Single Event Effects
Operating bias applied during exposure,
SEU, SEL, SEGR, SEB
Full Rated Load, VIN = 18V, 28V & 40V
82
MeVxcm
2/mg
Test lab: Cyclotron Institute,
Texas A & M University


Similar Part No. - S2815D

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
S2810H ATM-S2810H Datasheet
62Kb / 1P
   OUTLINE, S2810H ELECTROMECHANICAL RF SWITCH, SPDT, FAILSAFE
logo
List of Unclassifed Man...
S281208 ETC2-S281208 Datasheet
332Kb / 15P
   Power Side Lighting LED with Reflector
logo
Toshiba Semiconductor
S2818 TOSHIBA-S2818 Datasheet
42Kb / 1P
   SILICON NPN TRIPPLE DIFFUSED MESA TYPE
logo
Inchange Semiconductor ...
S2818 ISC-S2818 Datasheet
214Kb / 2P
   isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
S2818A TOSHIBA-S2818A Datasheet
42Kb / 1P
   SILICON NPN TRIPPLE DIFFUSED MESA TYPE
More results

Similar Description - S2815D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com