Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C256KI-TE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT25C256KI-TE13
Description  128K/256K-Bit SPI Serial CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C256KI-TE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT25C256KI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C256KI-TE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
CAT25C128/256
Doc. No. 25088-00 1/01
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
DESIGN CONSIDERATIONS
to start an internal write cycle. Access to the array during
an internal write cycle is ignored and programming
is continued. On power up, SO is in a high impedance.
If an invalid op code is received, no data will be shifted
into the CAT25C128/256, and the serial output pin (SO)
will remain in a high impedance state until the falling
edge of
CS is detected again.
The CAT25C128/256 powers up in a write disable state
and in a low power standby mode. A WREN instruction
must be issued to perform any writes to the device after
power up. Also,on power up
CS should be brought low
to enter a ready state and receive an instruction. After
a successful byte/page write or status register write the
CAT25C128/256 goes into a write disable mode.
CS
must be set high after the proper number of clock cycles
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) — — — —
tCSH
CS
SCK
WP
WP
tWPS
tWPH
Figure 10.
WP
WP
WP
WP
WP Timing
Note: Dashed Line= mode (1, 1) — — — —


Similar Part No. - CAT25C256KI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C256 CATALYST-CAT25C256 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT2 CATALYST-CAT25C256L-1.8-GT2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8-GT3 CATALYST-CAT25C256L-1.8-GT3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T2 CATALYST-CAT25C256L-1.8T2 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT25C256L-1.8T3 CATALYST-CAT25C256L-1.8T3 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C256KI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
logo
Seiko Instruments Inc
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
   CMOS SPI SERIAL E2PROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
logo
Integrated Silicon Solu...
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com