Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC256JI8TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24WC256JI8TE13
Description  256K-Bit I2C Serial CMOS EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC256JI8TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC256JI8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC256JI8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC256JI8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC256JI8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC256JI8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC256JI8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC256JI8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC256JI8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC256JI8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1031, Rev. F
ALO
GEN FR
TM
LEAD FREE
A1
NC
VSS
A1
NC
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VSS
A0
PIN FUNCTIONS
Pin Name
Function
A0, A1
Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
NC
No Connect
DESCRIPTION
The CAT24WC256 is a 256K-bit Serial CMOS EEPROM
internally organized as 32,768 words of 8 bits each.
Catalyst’s advanced CMOS technology substantially
reduces device power requirements. The CAT24WC256
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
I Write protect feature
– entire array protected when WP at V
IH
I 100,000 program/erase cycles
I 100 year data retention
I 8-pin DIP or 8-pin SOIC
I "Green" package options available
features a 64-byte page write buffer. The device oper-
ates via the I2C bus serial interface and is available in 8-
pin DIP or 8-pin SOIC packages.
PIN CONFIGURATION
BLOCK DIAGRAM
CAT24WC256
256K-Bit I2C Serial CMOS EEPROM
I 1MHz I2C bus compatible*
I 1.8 to 6 volt operation
I Low power CMOS technology
I 64-byte page write buffer
I Self-timed write cycle with auto-clear
I Commercial, industrial and automotive
temperature ranges
FEATURES
DIP Package (P, L)
SOIC Package (J, W, K, X)
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
EEPROM
512X512
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
SDA
512
512
A0
A1
(CAT24WC256 not recommended for new designs. See CAT24FC256 data sheet.)


Similar Part No. - CAT24WC256JI8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257J-1.8TE13 CATALYST-CAT24WC257J-1.8TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257J3TE13 CATALYST-CAT24WC257J3TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257JA-1.8TE13 CATALYST-CAT24WC257JA-1.8TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257JA3TE13 CATALYST-CAT24WC257JA3TE13 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC256JI8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24AA256 MICROCHIP-24AA256_13 Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com