Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28LV256NA-20T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT28LV256NA-20T
Description  256K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV256NA-20T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT28LV256NA-20T Datasheet HTML 1Page - Catalyst Semiconductor CAT28LV256NA-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV256NA-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV256NA-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV256NA-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV256NA-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV256NA-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV256NA-20T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV256NA-20T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT28LV256
5
Doc. No. 25040-00 4/01 P-1
A.C. CHARACTERISTICS, Write Cycle
VCC = 3.0V to 3.6V, unless otherwise specified
28LV256-20
28LV256-25
28LV256-30
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max. Units
tWC
Write Cycle Time
10
10
10
ms
tAS
Address Setup Time
0
0
0
ns
tAH
Address Hold Time
100
100
100
ns
tCS
CE Setup Time
0
0
0
ns
tCH
CE Hold Time
0
0
0
ns
tCW(3)
CE Pulse Time
150
150
150
ns
tOES
OE Setup Time
0
0
0
ns
tOEH
OE Hold Time
0
0
0
ns
tWP(3)
WE Pulse Width
150
150
150
ns
tDS
Data Setup Time
50
50
50
ns
tDH
Data Hold Time
0
0
0
ns
tINIT(1)
Write Inhibit Period After Power-up
5
10
5
10
5
10
ms
tBLC(1)(4)
Byte Load Cycle Time
0.15
100
0.15
100
0.15
100
µs
Vcc
1.8K
CL = 100 pF
CL INCLUDES JIG CAPACITANCE
1.3K
DEVICE
UNDER
TEST
OUTPUT
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.6 V
VCC - 0.3V
0.0 V
Figure 1. A.C. Testing Input/Output Waveform(2)
28LV256 F04
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Input rise and fall times (10% and 90%) < 10 ns.
(3) A write pulse of less than 20ns duration will not initiate a write cycle.
(4) A timer of duration tBLC max. begins with every LOW to HIGH transition of WE. If allowed to time out, a page or byte write will begin;
however a transition from HIGH to LOW within tBLC max. stops the timer.
Figure 2. A.C. Testing Load Circuit (example)
28LV256 F05


Similar Part No. - CAT28LV256NA-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV256NA-20T CATALYST-CAT28LV256NA-20T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28LV256NA-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com