Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD46058AUG Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD46058AUG
Description  4.60 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD46058AUG Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD46058AUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD46058AUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD46058AUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121849
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.60 inch 5x8 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Parameter
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Emitted Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
3.6
4.4
50
120
25
100
Hi-Red
Per Dot
3.6
4.4
50
120
25
100
Orange
Per Dot
4.2
5
50
160
30
100
Yellow
Per Dot
4.2
5
50
160
30
100
Green
Per Dot
4.4
5
50
160
30
100
Ultra Red
Per Dot
3.8
5.2
50
120
30
100
Ultra Orange
Per Dot
4
5.2
50
130
30
100
Ultra Amber
Per Dot
4
5.2
50
130
30
100
Ultra Yellow
Per Dot
4
5.2
50
130
30
100
Ultra Green
Per Dot
4.2
5.2
50
150
30
100
Pure Green
Per Dot
7
8
50
220
30
100
Ultra Blue
Per Dot
7
8
50
240
30
100
Ultra White
Per Dot
7
8
50
240
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD46058AUG

ManufacturerPart #DatasheetDescription
logo
NEC
LD4606A NEC-LD4606A Datasheet
51Kb / 4P
   30 GHz, 380 W CW, HIGH EFFICIENCY, HIGH POWER GAIN
More results

Similar Description - LD46058AUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM46058ABRG LIGHTKEY-LM46058ABRG Datasheet
126Kb / 3P
   4.60 inch 5x8 Dual Color Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111V9 CHINASEMI-CSM-58111V9 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58231M9 CHINASEMI-CSM-58231M9 Datasheet
207Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432E CHINASEMI-CSM-58432E Datasheet
200Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com