Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD40044AUY Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD40044AUY
Description  4.00 inch 4x4 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD40044AUY Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD40044AUY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD40044AUY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD40044AUY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121844
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 4x4 Dot Matrix LED Display
Internal Circuit Diagram
LM40044A (Common Cathode Row)
LM40044B (Common Anode Row)
8
8
7
7
3
3
4
4
1
1
2
2
3
3
4
4
5
5
6
6
2
2
1
1
1
1
2
2
3
3
4
4
PI N
NO.
PI N
NO.
PI N
NO.
PI N
NO.
.
L
O
C
.
L
O
C
Selection Guide
Part No.
Chip
IV@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LD40044AR
LD40044BR
GaAlAs
Super Red
640
24
30
LD40044AD
LD40044BD
GaAlAs
Hi-Red
640
54
75
LD40044AO
LD40044BO
GaAsP
Orange
625
21
27
LD40044AY
LD40044BY
GaAsP
Yellow
588
24
30
LD40044AG
LD40044BG
GaP
Green
568
21
27
LD40044AUR
LD40044BUR
AlGaInP
Ultra Red
640
90
135
LD40044AUO
LD40044BUO
AlGaInP
Ultra Orange
625
135
180
LD40044AUA
LD40044BUA
AlGaInP
Ultra Amber
605
90
135
LD40044AUY
LD40044BUY
AlGaInP
Ultra Yellow
595
90
135
LD40044AUG
LD40044BUG
AlGaInP
Ultra Green
573
90
135
LD40044APG
LD40044BPG
InGaN
Pure Green
525
360
900
LD40044AUB
LD40044BUB
InGaN
Ultra Blue
470
90
135
LD40044AUW
LD40044BUW
SMD
Ultra White
\
300
360
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LD40044AUY

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LD400-2AC MRV-LD400-2AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
LD400-2DC MRV-LD400-2DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
LD400-AC MRV-LD400-AC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
LD400-DC MRV-LD400-DC Datasheet
352Kb / 2P
   LambdaDriver Chassis - DWDM/CWDM Platform
logo
List of Unclassifed Man...
LD4000 ETC1-LD4000 Datasheet
549Kb / 4P
   PR4/EPR4 Read/Write Controller
More results

Similar Description - LD40044AUY

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40044ABRG LIGHTKEY-LM40044ABRG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
logo
Unity Opto Technology
UVP-2X44 UOT-UVP-2X44 Datasheet
62Kb / 5P
   2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
logo
Marktech Corporate
MTAN2121-AG MARKTECH-MTAN2121-AG Datasheet
69Kb / 1P
   2.0 4x4 Dot Matrix Display
MTAN6621-CHRG MARKTECH-MTAN6621-CHRG Datasheet
75Kb / 1P
   2.0 4x4 Bi-Color Dot Matrix Display
logo
LightKey Optoelectronic...
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com