Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD40057BG Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD40057BG
Description  4.00 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD40057BG Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD40057BG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD40057BG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD40057BG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121846
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 5x7 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Parameter
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Emitted Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
3.6
4.4
50
120
25
100
Hi-Red
Per Dot
3.6
4.4
50
120
25
100
Orange
Per Dot
4.2
5
50
160
30
100
Yellow
Per Dot
4.2
5
50
160
30
100
Green
Per Dot
4.4
5
50
160
30
100
Ultra Red
Per Dot
3.8
5.2
50
120
30
100
Ultra Orange
Per Dot
4
5.2
50
130
30
100
Ultra Amber
Per Dot
4
5.2
50
130
30
100
Ultra Yellow
Per Dot
4
5.2
50
130
30
100
Ultra Green
Per Dot
4.2
5.2
50
150
30
100
Pure Green
Per Dot
7
8
50
220
30
100
Ultra Blue
Per Dot
7
8
50
240
30
100
Ultra White
Per Dot
7
8
50
240
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD40057BG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD40057CD LIGHTKEY-LD40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057CG LIGHTKEY-LD40057CG Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057CO LIGHTKEY-LD40057CO Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057CPG LIGHTKEY-LD40057CPG Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LD40057CR LIGHTKEY-LD40057CR Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LD40057BG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2140-12A MARKTECH-MTAN2140-12A Datasheet
45Kb / 1P
   Marktech 4.00 5x7 Dot Matrix
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-4X57XX UOT-UVP-4X57XX Datasheet
98Kb / 5P
   4.0 inch ( 101.6mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-3X57 UOT-UVP-3X57 Datasheet
93Kb / 5P
   3.0 inch ( 76.2mm ) 5X7 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com